Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6701DF22PR Datasheet(PDF) 20 Page - Torex Semiconductor

Part # XC6701DF22PR
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF22PR Datasheet(HTML) 20 Page - Torex Semiconductor

Back Button XC6701DF22PR Datasheet HTML 16Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 17Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 18Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 19Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 20Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 21Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 22Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 23Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 24Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20/31
XC6701 Series
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Load Transient Response (Continued)
XC6701B 332
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VIN=5.3V, tr=5μs
I
OUT=30mA, CL=1μF (ceramic), Ta=25℃
Input Voltage
Output Voltage
XC6701B 332
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
V
IN=5.3V, tr=5μs
I
OUT=1mA, CL=1μF (ceramic), Ta=25℃
Input Voltage
Output Voltage
XC6701B 502
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VIN=7.0V, tr=5μs
IOUT=30mA, CL=1μF (ceramic), Ta=25℃
Input Voltage
Output Voltage
XC6701B 502
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VIN=7.0V, tr=5μs
IOUT=1mA, CL=1μF (ceramic), Ta=25℃
Input Voltage
Output Voltage
XC6701B/D C02
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
Time (1ms/div)
0
30
60
90
120
150
Output Current
V
IN=14.0V, tr=tf=5μs
CIN=CL=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D J02
16.6
16.8
17.0
17.2
17.4
17.6
17.8
18.0
18.2
18.4
18.6
Time (1ms/div)
0
30
60
90
120
150
Output Current
V
IN=20.0V, tr=tf=5μs
CIN=CL=1.0μF (ceramic), Ta=25℃
Output Voltage
(8) Rising Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com