Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFP-MHP250LF-R-1K00J Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # TFP-MHP250LF-R-1K00J
Description  High Power SOT227 Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP250LF-R-1K00J Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  TFP-MHP250LF-R-1K00J Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP250LF-R-1K00J Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP250LF-R-1K00J Datasheet HTML 3Page - IRC - a TT electronics Company. TFP-MHP250LF-R-1K00J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© IRC Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Power SOT227
Resistors
MHP SOT227 Series Issue August 2008
Power Performance Data
Safe Operating Zone
MHP300 MHP600
MHP200
Note: The above graph for the Safe Operating Zone is for
a single pulse or a low duty cycle pulse and the
average pulse power must not exceed the power
rating of the resistor.
+120°C
+155°C
MHP150 MHP200
MHP250 MHP300
MHP550 MHP600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com