Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFP-MHP250LF-R-1K00J Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # TFP-MHP250LF-R-1K00J
Description  High Power SOT227 Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP250LF-R-1K00J Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  TFP-MHP250LF-R-1K00J Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP250LF-R-1K00J Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP250LF-R-1K00J Datasheet HTML 3Page - IRC - a TT electronics Company. TFP-MHP250LF-R-1K00J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© IRC Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Power SOT227
Resistors
MHP SOT227 Series Issue August 2008
Ordering Data
Prefix
TFP - MHP 300 LF - X - 1R50 - J
Style
Power
150 = 150W, 200 = 200W, 250 = 250W
300 = 300W, 550 = 550W, 600 = 600W
RoHS Compliant
Schematic Code1
X, Y, Z, V, R
Resistance Tolerance Code2
4-digit resistance code.
Ex: 1R50 = 1.5W, 1K00 = 1.0KW
Tolerance Code
F = ±1%, J = ±5%
Packaging
Parts are only available in bulk packaging.
Note 1.
Schematics X, Y, nad Z are only available for the 200, 300, and 600 versions.
Schematics V and R are only available on the 150, 250, and 550 versions.
Note 2.
For Schematics V and R, resistance values are the same.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com