Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEP01-5841 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PEP01-5841
Description  Power over ethernet power supply protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PEP01-5841 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PEP01-5841 Datasheet HTML 2Page - STMicroelectronics PEP01-5841 Datasheet HTML 3Page - STMicroelectronics PEP01-5841 Datasheet HTML 4Page - STMicroelectronics PEP01-5841 Datasheet HTML 5Page - STMicroelectronics PEP01-5841 Datasheet HTML 6Page - STMicroelectronics PEP01-5841 Datasheet HTML 7Page - STMicroelectronics PEP01-5841 Datasheet HTML 8Page - STMicroelectronics PEP01-5841 Datasheet HTML 9Page - STMicroelectronics PEP01-5841 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
PEP01-5841
8/10
Doc ID 15657 Rev 2
4
Package information
●
Case: JEDEC SO-8 molded plastic over planar junction
●
Terminals: solder plated, solderable according to MIL-STD-750, Method 2026
●
Flammability: epoxy is rated UL94V-0
●
RoHS package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 3.
SO-8 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A-
-
1.75
-
-
0.069
A1
0.1
-
0.25
0.004
-
0.010
A2
1.25
-
-
0.049
-
-
b
0.28
-
0.48
0.011
-
0.019
C
0.17
-
0.23
0.007
-
0.009
D
4.80
4.90
5.00
0.189 0.193 0.197
E
5.80
6.00
6.20
0.228 0.236 0.244
E1
3.80
3.90
4.00
0.150 0.154 0.157
e
-
1.27
-
-
0.050
-
h
0.25
-
0.50
0.010
-
0.020
L
0.40
-
1.27
0.016
-
0.050
L1
-
1.04
-
-
0.041
-
k0°
-
8°
0°
-
8°
ppp
-
-
0.10
-
-
0.004
E1
D
8
4
1
5
E
e
A
A2
b
A1
ppp C
C
k
h x 45°
L
L1
Seating
Plane
C
Figure 13.
Footprint recommendations
Figure 14.
Marking
6.8
(0.268)
4.2
(0.165)
1.27
(0.050)
0.6
(0.024)
â
XXXX: Marking
ZZ: Manufacturing location
Y: Year
WW: week
z z y w w
x x x xx x
Pin 1
® z
z z
z y
y w
w w
w
x
x x
x x
x x
x



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com