Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEP01-5841 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PEP01-5841
Description  Power over ethernet power supply protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PEP01-5841 Datasheet(HTML) 1 Page - STMicroelectronics

  PEP01-5841 Datasheet HTML 1Page - STMicroelectronics PEP01-5841 Datasheet HTML 2Page - STMicroelectronics PEP01-5841 Datasheet HTML 3Page - STMicroelectronics PEP01-5841 Datasheet HTML 4Page - STMicroelectronics PEP01-5841 Datasheet HTML 5Page - STMicroelectronics PEP01-5841 Datasheet HTML 6Page - STMicroelectronics PEP01-5841 Datasheet HTML 7Page - STMicroelectronics PEP01-5841 Datasheet HTML 8Page - STMicroelectronics PEP01-5841 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2009
Doc ID 15657 Rev 2
1/10
10
PEP01-5841
Power over ethernet power supply protection
Features
■ Peak pulse power: up to 2.7 kW (8/20 µs)
■ Stand-off voltage: 58 V
■ 4 unidirectional Transils™ and 4 decoupling
capacitances
■ Low clamping voltage: 100 V
■ Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ Operating Tj max: 150 °C
■ JEDEC registered package outline
Complies with the following standards
■ IEC61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC61000-4-5 level 2
– +/- 1 kV 42
Ω
■ IEEE 802.3af-2003
■ IEEE 802.3at-2008
Figure 1.
Functional diagram
Description
The PEP01-5841 has been designed to protect
power over ethernet PSE equipment against line
overvoltages. It embeds 4 decoupling capacititors
to stabilize power supplies.
It is compatible with IEEE 802.3af-2003 and
IEEE 802.3at-2008 requirements and it allows
PoE based systems to be protected against both
electrical overstress (EOS) and electrostatic
discharges (ESD) according to IEC61000-4-5 and
IEC61000-4-2.
The low clamping voltage (100 V) makes it
compatible with PMOS and PSE controller
technologies. Developed in Planar technology, it
provides high reliability level.
Packaged in SO-8, this minimizes PCB
consumption (footprint in accordance with the
IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
SO-8 package
PEP01-5841
PS1
1
PS2
4
PS3
5
PS4
8
Gnd
2-3-6-7
---
www.st.com


Similar Part No. - PEP01-5841

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PEP0402 VISHAY-PEP0402 Datasheet
111Kb / 6P
High Precision Wraparound - Power Enhanced Thin Film Chip Resistors
13-Oct-2021
PEP0402E1000BGT99 VISHAY-PEP0402E1000BGT99 Datasheet
111Kb / 6P
High Precision Wraparound - Power Enhanced Thin Film Chip Resistors
13-Oct-2021
PEP0402E1000BGTA99 VISHAY-PEP0402E1000BGTA99 Datasheet
111Kb / 6P
High Precision Wraparound - Power Enhanced Thin Film Chip Resistors
13-Oct-2021
PEP0402E1000BGTB99 VISHAY-PEP0402E1000BGTB99 Datasheet
111Kb / 6P
High Precision Wraparound - Power Enhanced Thin Film Chip Resistors
13-Oct-2021
PEP0402E1000BGTC99 VISHAY-PEP0402E1000BGTC99 Datasheet
111Kb / 6P
High Precision Wraparound - Power Enhanced Thin Film Chip Resistors
13-Oct-2021
More results

Similar Description - PEP01-5841

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
Power-Over-Ethernet Module
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
Power-Over-Ethernet Module
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
Power-Over-Ethernet Module
AG9000-S ETC2-AG9000-S Datasheet
299Kb / 14P
Power-Over-Ethernet Module
logo
Phihong USA Inc.
PSM275-909 PHIHONG-PSM275-909 Datasheet
198Kb / 3P
275-Watt Power-Over-Ethernet Power Supply
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
Power over Ethernet Module
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
Littelfuse
SP1050 LITTELFUSE-SP1050 Datasheet
684Kb / 5P
SP1050 Series for Power-over-Ethernet PSE Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com