Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2500DTR Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA2500DTR
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 49Page - STMicroelectronics STA2500DTR Datasheet HTML 50Page - STMicroelectronics STA2500DTR Datasheet HTML 51Page - STMicroelectronics STA2500DTR Datasheet HTML 52Page - STMicroelectronics STA2500DTR Datasheet HTML 53Page - STMicroelectronics STA2500DTR Datasheet HTML 54Page - STMicroelectronics STA2500DTR Datasheet HTML 55Page - STMicroelectronics STA2500DTR Datasheet HTML 56Page - STMicroelectronics STA2500DTR Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
STA2500D
Acronyms and abbreviations
Doc ID 16067 Rev 1
53/57
11
Acronyms and abbreviations
Table 32.
Acronyms and abbreviations
Acronyms/
abbreviation
Description
2-DH12-
DH32-DH5
Bluetooth 2 Mbps ACL packet types
2-EV3
2-EV5
Bluetooth 2 Mbps synchronous packet types
3-DH1
3-DH3
3-DH5
Bluetooth 3 Mbps ACL packet types
3-EV3
3-EV5
Bluetooth 3 Mbps synchronous packet types
8-DPSK
8 phase Differential Phase Shift Keying
A/D
Analog to Digital
AC
Alternating Current
ACL
Asynchronous Connection Oriented
AHB
Advanced High-performance Bus
A-law
Audio encoding standard
AMBA
Advanced Micro-controller Bus Architecture
AMR
Absolute Maximum Rating
APB
Advanced Peripheral Bus
ARM7
Micro-processor
ARM7TDMI
Micro-processor
AWMA
Alternating Wireless Medium Access
BB
Base Band
BER
Bit Error Rate
BOM
Bill Of Materials
BR
Basic Rate
BT
Bluetooth
BW
Band Width
C/I
Carrier-to-co-channel Interference
CMOS
Complementary Metal Oxide Semiconductor
CODEC
COder DEcoder
CPU
Central Processing Unit
CQDDR
Channel Quality Driven Data Rate change
CVSD
Continuous Variable Slope Delta modulation
DC
Direct Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com