| Electronic Components Datasheet Search |
|
STA2500DTR Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500DTR Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 57 page ![]() HCI transport layer STA2500D 48/57 Doc ID 16067 Rev 1 8 HCI transport layer The STA2500D supports the HCI transport layer as defined by the SIG: H4 []. It is supported in combination with UART and SPI mode. The STA2500D also supports an enhanced version of the H4 protocol in combination with SPI mode. 8.1 H4 UART transport layer The objective of HCI UART transport layer is to make it possible to use Bluetooth HCI over a serial interface between two UARTs on the same PCB. The HCI UART transport layer assumes that the UART communication is free from line errors. UART settings The HCI UART transport layer uses the following settings for RS232: ● Baud rate :configurable (default baud rate 115200 bps) ● Number of data bits :8 ● Parity bit :no parity ● Stop bit :1 stop bit ● Flow control :RTS/CTS ● Flow-off response time :500 µs The flow-off response time defines the maximum time that the STA2500D can still receive data after setting RTS high. RTS/CTS flow control is used to prevent temporary UART buffer overrun between the Bluetooth Controller and the Host. The RS232 signals should be connected in a null-modem fashion, i.e. the Bluetooth Controller TXD output should be connected to the Host RXD input and the Bluetooth Controller RTS output should be connected to the Host CTS input and vice versa. If the Bluetooth Controller RTS output (connected to the Host CTS input) is low, then the Host is allowed to send. If the Bluetooth Controller RTS output (connected to the Host CTS input) is high, then the Host is not allowed to send. If the Bluetooth Controller CTS input (connected to the Host RTS output) is low, then the Bluetooth Controller is allowed to send. If the Bluetooth Controller CTS input (connected to the Host RTS output) is high, then the Bluetooth Controller is not allowed to send. Figure 23. UART transport layer BLUETOOTH HOST BLUETOOTH HOST CONTROLLER BLUETOOTH HCI HCI UART TRANSPORT LAYER |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |