Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C024AV-25AI Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY7C024AV-25AI
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV-25AI Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY7C024AV-25AI Datasheet HTML 8Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 9Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 10Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 12Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 15Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *J
Page 12 of 19
Notes
34. R/W or CE must be HIGH during all address transitions.
35. A write occurs during the overlap (tSCE or tPWE) of a LOW CE or SEM and a LOW UB or LB.
36. tHA is measured from the earlier of CE or R/W or (SEM or R/W) going HIGH at the end of write cycle.
37. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to enable the IO drivers to turn off and
data to be placed on the bus for the required tSD. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can
be as short as the specified tPWE.
38. To access RAM, CE = VIL, SEM = VIH.
39. To access upper byte, CE = VIL, UB = VIL, SEM = VIH.
To access lower byte, CE = VIL, LB = VIL, SEM = VIH.
40. Transition is measured
±500 mV from steady state with a 5 pF load (including scope and jig). This parameter is sampled and not 100 percent tested.
41. During this period, the IO pins are in the output state, and input signals must not be applied.
42. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high impedance state.
Switching Waveforms (continued)
tAW
tWC
tPWE
tHD
tSD
tHA
CE
R/W
OE
DATA OUT
DATA IN
ADDRESS
tHZOE
tSA
tHZWE
tLZWE
Figure 8. Write Cycle No. 1: R/W Controlled Timing[34, 35, 36, 37]
[40]
[40]
[37]
[38, 39]
NOTE 41
NOTE 41
tAW
tWC
tSCE
tHD
tSD
tHA
CE
R/W
DATA IN
ADDRESS
tSA
Figure 9. Write Cycle No. 2: CE Controlled Timing[34, 35, 36, 42]
[38, 39]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com