Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C024AV-25AI Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C024AV-25AI
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV-25AI Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C024AV-25AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 12Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 15Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 16Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 17Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 18Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *J
Page 15 of 19
Note
48. If tPS is violated, the busy signal is asserted on one side or the other, but there is no guarantee to which side BUSY is asserted.
Switching Waveforms (continued)
ADDRESS MATCH
tPS
tBLC
tBHC
ADDRESS MATCH
tPS
tBLC
tBHC
CER ValidFirst:
ADDRESS L,R
BUSYR
CEL
CER
BUSYL
CER
CE L
ADDRESS L,R
Figure 14. Busy Timing Diagram No.1 (CE Arbitration)[48]
CELValid First
ADDRESS MATCH
tPS
ADDRESS L
BUSY R
ADDRESS MISMATCH
tRC or tWC
tBLA
tBHA
ADDRESSR
ADDRESS MATCH
ADDRESS MISMATCH
tPS
ADDRESSL
BUSY L
tRC or tWC
tBLA
tBHA
ADDRESSR
Right Address Valid First:
Figure 15. Busy Timing Diagram No.2 (Address Arbitration)[48]
Left Address Valid First:
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com