Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3519IMSPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3519IMSPBF
Description  LED Driver with Integrated Schottky Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3519IMSPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3519IMSPBF Datasheet HTML 1Page - Linear Technology LT3519IMSPBF Datasheet HTML 2Page - Linear Technology LT3519IMSPBF Datasheet HTML 3Page - Linear Technology LT3519IMSPBF Datasheet HTML 4Page - Linear Technology LT3519IMSPBF Datasheet HTML 5Page - Linear Technology LT3519IMSPBF Datasheet HTML 6Page - Linear Technology LT3519IMSPBF Datasheet HTML 7Page - Linear Technology LT3519IMSPBF Datasheet HTML 8Page - Linear Technology LT3519IMSPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3519
3
3519f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. The LT3519E is guaranteed to meet specified performance
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
temperature range are assured by design, characterization and
correlation with statistical process controls. The LT3519I is guaranteed
The
l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, SHDN/UVLO = 12V, CTRL = 2V, PWM = 5V,
unless otherwise noted.
to meet performance specifications over the –40°C to 125°C operating
temperature range.
Note 3. Absolute maximum voltage at VIN and OPENLED is 40V for
nonrepetitive one second transients and 30V for continuous operation.
Note 4. For VIN below 6V, the SHDN/UVLO pin must not exceed VIN for
proper operation.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Leakage Current
SW = 45V, PWM = 0V
2
μA
CTRL for Full-Scale LED Current
1.2
V
CTRL Pin Bias Current
Current Out of Pin, CTRL = 0.1V
50
100
nA
PWM Input High Voltage
1.5
V
PWM Input Low Voltage
0.4
V
PWM Pin Resistance to GND
70
kΩ
FB Regulation Voltage (VFB)
l
1.190
1.220
1.250
V
FB Pin Threshold Voltage for OPENLED Falling
VFB – 60mV
V
FB Pin Bias Current
Current Out of Pin, FB = 1V
60
120
nA
ISP, ISN Idle Input Bias Current
PWM = 0V
1
μA
ISP, ISN Full-Scale Input Bias Current
ISP = ISN = 24V
17
μA
Schottky Forward Drop
ISCHOTTKY = 500mA
0.8
V
Schottky Leakage Current
CATHODE = 24V, ANODE = 0V
4
μA
SHDN/UVLO Threshold Voltage Falling
l
1.180
1.220
1.270
V
SHDN/UVLO Input Low Voltage
IVIN Drops Below 1μA
0.4
V
SHDN/UVLO Pin Bias Current Low
SHDN/UVLO = 1.15V
1.8
2.2
2.6
μA
SHDN/UVLO Pin Bias Current High
SHDN/UVLO = 1.30V
10
100
nA
VREF Output Voltage
–100μA ≤ IVREF ≤ 0μA
l
1.96
2
2.04
V
VREF Output Pin Regulation
3V < VIN < 40V
0.04
%/V
OPENLED Output Low (VOL)IOPENLED = 1mA
240
mV
OPENLED Leakage Current
FB = 0V, OPENLED = 40V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com