Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3519IMSPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3519IMSPBF
Description  LED Driver with Integrated Schottky Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3519IMSPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3519IMSPBF Datasheet HTML 2Page - Linear Technology LT3519IMSPBF Datasheet HTML 3Page - Linear Technology LT3519IMSPBF Datasheet HTML 4Page - Linear Technology LT3519IMSPBF Datasheet HTML 5Page - Linear Technology LT3519IMSPBF Datasheet HTML 6Page - Linear Technology LT3519IMSPBF Datasheet HTML 7Page - Linear Technology LT3519IMSPBF Datasheet HTML 8Page - Linear Technology LT3519IMSPBF Datasheet HTML 9Page - Linear Technology LT3519IMSPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3519
6
3519f
PIN FUNCTIONS
GND (Pins 1, 8, 9, 16): Power Ground and Signal Ground.
Tie to GND plane for best thermal performance.
OPENLED (Pin 2): Open LED Status Pin. The OPENLED
pin asserts if the FB input is greater than the FB regulation
threshold minus 60mV (typical). The pin must have an
external pull-up resistor to function. When the PWM input
is low and the converter is idle, the OPENLED condition
is latched to the last valid state when the PWM input was
high. When the PWM input goes high again, the OPENLED
pin will be updated. This pin may be used to report an
open LED fault.
PWM (Pin 3): Pulse Width Modulated Input. A signal
low disables the oscillator and turns off the main switch.
PWM has an internal pull-down resistor. Tie PWM pin to
VREF if not used.
SHDN/UVLO(Pin4):ShutdownandUndervoltageLockout
Pin. An accurate 1.22V falling threshold with externally
programmable hysteresis detects when power is okay to
enable switching. Rising hysteresis is generated by the
external resistor divider and an accurate internal 2μA pull-
down current. Above the 1.25V (nominal) rising threshold
(but below 6V), SHDN/UVLO input bias current is sub-μA.
Below the falling threshold, a 2μA pull-down current is
enabled so the user can define the hysteresis with external
resistor selection. Tie to 0.4V or less to disable device and
reduce VIN quiescent current below 1μA. Pin may be tied
to VIN, but do not tie it to a voltage higher than VIN if VIN
is less than 6V.
VIN (Pin 5): Input Supply Pin. This pin must be locally
bypassed with a 1μF ceramic capacitor (or larger) placed
close to it.
SW (Pin 6): Switch Pin. Connect the inductor at this pin.
Minimize the trace at this pin to reduce EMI.
ANODE (Pin 7): Internal Schottky Anode Pin.
CATHODE (Pin 10): Internal Schottky Cathode Pin.
ISP (Pin 11): Current Sense Resistor Positive Pin. This
input is the noninverting input of the internal current
sense amplifier.
ISN (Pin 12): Current Sense Resistor Negative Pin. This
input is the inverting input of the internal current sense
amplifier.
FB (Pin 13): Voltage Loop Feedback Pin. It is used to
connect to output resistor divider for constant voltage
regulation or open LED protection. The internal trans-
conductance amplifier will regulate FB to 1.22V (nominal)
through the DC/DC converter. If the FB input is regulating
the loop, the OPENLED pull-down is asserted. This action
may signal an open LED fault. Do not leave the FB pin
open. If not used, connect to GND.
CTRL (Pin 14): Current Sense Threshold Voltage Adjust-
ment Pin. This pin sets the threshold voltage across the
sense resistor between ISP and ISN. Connect directly
to the VREF pin or a voltage above 1.2V for full-scale
threshold of 250mV, or use a voltage between 0.1V and
1.2V to linearly adjust the threshold. Tie CTRL pin to the
VREF pin if not used.
VREF (Pin 15): Reference Output Pin. Typically 2V. This
pin can supply up to 100μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com