Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT4356CS-3 Datasheet(PDF) 12 Page - Linear Technology

Part # LT4356CS-3
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356CS-3 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT4356CS-3 Datasheet HTML 8Page - Linear Technology LT4356CS-3 Datasheet HTML 9Page - Linear Technology LT4356CS-3 Datasheet HTML 10Page - Linear Technology LT4356CS-3 Datasheet HTML 11Page - Linear Technology LT4356CS-3 Datasheet HTML 12Page - Linear Technology LT4356CS-3 Datasheet HTML 13Page - Linear Technology LT4356CS-3 Datasheet HTML 14Page - Linear Technology LT4356CS-3 Datasheet HTML 15Page - Linear Technology LT4356CS-3 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT4356-3
12
43563f
Fault Timer Current
The timer current starts at around 2μA with 0.5V or less
of VDS, increasing linearly to 50μA with 75V of VDS dur-
ing an overvoltage fault (Figure 1). During an overcurrent
fault, it starts at 4μA with 0.5V or less of VDS but increases
to 260μA with 80V across the MOSFET (Figure 2). This
arrangement allows the pass transistor to turn off faster
during an overcurrent event, since more power is dissipated
during this condition. Refer to the Typical Performance
Characteristics section for the timer current at different
VDS in both overvoltage and overcurrent events.
When the voltage at the TMR pin, VTMR, reaches the 1.25V
threshold, the FLT pin pulls low to indicate the detection
of a fault condition and provide warning to the load of
the impending power loss. In the case of an overvoltage
fault, the timer current then switches to a fixed 5μA. The
interval between FLT asserting low and the MOSFET turn-
ing off is given by:
t
WARNING =
C
TMR • 100mV
5μA
APPLICATIONS INFORMATION
Figure 1. Overvoltage Fault Timer Current
Figure 2. Overcurrent Fault Timer Current
tFLT
= 15ms/μF
TOTAL FAULT TIMER = tFLT + tWARNING
tWARNING
= 20ms/μF
tFLT = 93.75ms/μF
tWARNING
= 20ms/μF
VTMR(V)
ITMR = 5μA
ITMR = 5μA
VDS = 75V
(ITMR = 50μA)
VDS = 10V
(ITMR = 8μA)
1.35
1.25
TIME
43563 F01
0.50
tFLT
= 2.88ms/μF
TOTAL FAULT TIMER = tFLT + tWARNING
tFLT = 21.43ms/μF
tWARNING
= 2.86ms/μF
tWARNING
= 0.38ms/μF
VTMR(V)
VDS = 10V
(ITMR = 35μA)
1.35
1.25
0.50
TIME
43563 F02
VDS = 80V
(ITMR = 260μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com