Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT4356CS-3 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4356CS-3
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356CS-3 Datasheet(HTML) 3 Page - Linear Technology

  LT4356CS-3 Datasheet HTML 1Page - Linear Technology LT4356CS-3 Datasheet HTML 2Page - Linear Technology LT4356CS-3 Datasheet HTML 3Page - Linear Technology LT4356CS-3 Datasheet HTML 4Page - Linear Technology LT4356CS-3 Datasheet HTML 5Page - Linear Technology LT4356CS-3 Datasheet HTML 6Page - Linear Technology LT4356CS-3 Datasheet HTML 7Page - Linear Technology LT4356CS-3 Datasheet HTML 8Page - Linear Technology LT4356CS-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT4356-3
3
43563f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Voltage Range
l
480
V
ICC
VCC Supply Current
VSHDN = Float
l
1
1.5
mA
VSHDN = 0V, IN+ = 1.3V
l
7
7
25
30
μA
μA
IR
Reverse Input Current
VSNS = VCC = –30V, SHDN Open
VSNS = VCC = VSHDN = –30V
l
l
0.3
0.8
1
2
mA
mA
ΔVGATE
GATE Pin Output High Voltage
VCC = 4V; (VGATE – VOUT)
80V ≥ VCC ≥ 8V; (VGATE – VOUT)
l
l
4.5
10
8
16
V
V
IGATE(UP)
GATE Pin Pull-Up Current
VGATE = 12V; VCC = 12V
VGATE = 48V; VCC = 48V
l
l
–4
–4.5
–23
–30
–36
–50
μA
μA
IGATE(DN)
GATE Pin Pull-Down Current
Overvoltage, VFB = 1.4V, VGATE = 12V
Overcurrent, VCC – VSNS = 120mV, VGATE = 12V
Shutdown Mode, VSHDN = 0V, VGATE = 12V
l
l
l
75
5
1.5
150
10
5
mA
mA
mA
VFB
FB Pin Servo Voltage
VGATE = 12V; VOUT = 12V
l
1.225
1.25
1.275
V
IFB
FB Pin Input Current
VFB = 1.25V
l
0.3
1
μA
ΔVSNS
Overcurrent Fault Threshold
ΔVSNS = (VCC – VSNS), VCC = 12V
ΔVSNS = (VCC – VSNS), VCC = 48V
l
l
45
46
50
51
55
56
mV
mV
ISNS
SNS Pin Input Current
VSNS = VCC = 12V to 48V
l
510
22
μA
ILEAK
FLT, EN Pins Leakage Current
AOUT Pin Leakage Current
FLT, EN = 80V
AOUT = 80V
l
2.5
4.5
μA
μA
ITMR
TMR Pin Pull-up Current
VTMR = 1V, VFB = 1.5V, (VCC – VOUT) = 0.5V
VTMR = 1V, VFB = 1.5V, (VCC – VOUT) = 75V
VTMR = 1.3V, VFB = 1.5V
VTMR = 1V, ΔVSNS = 60mV, (VCC – VOUT) = 0.5V
VTMR = 1V, ΔVSNS = 60mV, (VCC – VOUT) = 80V
l
l
l
l
l
–1.5
–44
–3.5
–2.5
–195
–2.5
–50
–5.5
–4.5
–260
–4
–56
–8.5
–6.5
–315
μA
μA
μA
μA
μA
TMR Pin Pull-down Current
VTMR = 1V, VFB = 1V, ΔVSNS = 0V
l
1.5
2.2
2.7
μA
VTMR
TMR Pin Thresholds
FLT From High to Low, VCC = 5V to 80V
l
1.22
1.25
1.28
V
ΔVTMR
Early Warning Period
From FLT going Low to GATE going Low, VCC = 5V to 80V
l
80
100
120
mV
VIN+
IN+ Pin Threshold
l
1.22
1.25
1.28
V
IIN+
IN+ Pin Input Current
VIN+ = 1.25V
l
0.3
1
μA
VOL
FLT, EN, AOUT Pins Output Low
ISINK = 2mA
ISINK = 0.1mA
l
l
2
300
8
800
V
mV
IOUT
OUT Pin Input Current
VOUT = VCC = 12V
VOUT = VCC = 12V, VSHDN = 0V
l
l
200
6
300
14
μA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com