Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3577EUFFPBF Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3577EUFFPBF
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577EUFFPBF Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3577EUFFPBF Datasheet HTML 25Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 26Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 27Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 28Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 29Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 30Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 31Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 32Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
LTC3577/LTC3577-1
29
3577f
C1
D1
R1
MN2
MN1
D2
V1
V2
3577 F10
WALL
OVGATE
LTC3577
VBUS
OVSENS
Figure 10. Dual Input Overvoltage Protection
OPERATION
Each input is protected up to the drain-source breakdown,
BVDSS, of MN1 and MN2. R1 must also be rated for the
power dissipated during maximum overvoltage. See the
“Overvoltage Protection” section for an explanation of
this calculation. Table 2 shows some NMOS FETs that are
suitable for overvoltage protection.
Table 2. Recommended Overvoltage FETs
NMOS FET
BVDSS
RON
PACKAGE
Si1472DH
30V
82mΩ
SC70-6
Si2302ADS
20V
60mΩ
SOT-23
Si2306BDS
30V
65mΩ
SOT-23
Si2316BDS
30V
80mΩ
SOT-23
IRLML2502
20V
35mΩ
SOT-23
Reverse Input Voltage Protection
The LTC3577 can also be easily protected against the
application of reverse voltage as shown in Figure 10. D1
and R1 are necessary to limit the maximum VGS seen by
MP1 during positive overvoltage events. D1’s breakdown
voltage must be safely below MP1’s BVGS. The circuit
shown in Figure 11 offers forward voltage protection up
to MN1’s BVDSS and reverse voltage protection up to
MP1’s BVDSS.
LOW DROPOUT LINEAR REGULATOR OPERATION
LDO Operation and Voltage Programming
The LTC3577 contains two 150mA adjustable output LDO
regulators. To enable the LDOs write a 1 to the LDO1EN
and/or LDO2EN I2C registers. The LDOs can be disabled
three ways: 1) Write a 0 to the LDO1EN and LDO2EN
registers; 2) Bring DVCC below the DVCC undervoltage
threshold; 3) Enter the power-down pushbutton state.
0.8V
R1
LDOx
OUTPUT
COUT
R2
3577 F12
MP
VINLDOx
GND
LDOx_FB
1
0
LDOx
LDOxEN
Figure 12. LDO Application Circuit
The LDOs are further disabled if VOUT falls below the VOUT
UVLO threshold and cannot be enabled until the UVLO
condition is removed.
When disabled all LDO circuitry is powered off leaving only
a few nanoamps of leakage current on the LDO supply.
The LDO outputs are individually pulled to ground through
internal resistors when disabled.
The power good status bits of LDO1 and LDO2 are avail-
able in I2C through the read-back registers PGLDO[1] and
PGLDO[2] for LDO1 and LDO2 respectively. The power
good comparators for both LDOs are sampled when the
I2C port receives the correct I2C read address.
Figure 12 shows the LDO application circuit. The full-
scale output voltage for each LDO is programmed using
a resistor divider from the LDO output (LDO1 or LDO2)
connected to the feedback pins (LDO1_FB or LDO2_FB)
such that:
VLDOx = 0.8V •
R1
R2
+ 1
⎛
⎝⎜
⎞
⎠⎟
D1
C1
R2
6.2k
R1
500k
D1: 5.6V ZENER
MP1: Si2323DS, BVDSS = 20V
VBUS POSITIVE PROTECTION UP TO BVDSS OF MN1
VBUS NEGATIVE PROTECTION UP TO BVDSS OF MP1
MN1
MP1
USB/WALL
ADAPTER
3577 F11
VBUS
OVGATE
LTC3577
OVSENS
Figure 11. Dual Polarity Voltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com