Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3577EUFFPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3577EUFFPBF
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577EUFFPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3577EUFFPBF Datasheet HTML 1Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 2Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 3Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 4Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 5Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 6Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 7Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 8Page - Linear Technology LTC3577EUFFPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LTC3577/LTC3577-1
5
3577f
ELECTRICAL CHARACTERISTICS Power Manager. The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VBAT = 3.8V, ILIM0 = ILIM1 = WALL = 0V,
VINLDO1 = VINLDO2 = VIN12 = VIN3 = VOUT, RPROG = 2k, RCLPROG = 2.1k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NTC, Battery Discharge Protection
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising NTC Voltage
Hysteresis
75
76
1.3
77
%VNTCBIAS
%VNTCBIAS
VHOT
Hot Temperature Fault Threshold
Voltage
Falling NTC Voltage
Hysteresis
34
35
1.3
36
%VNTCBIAS
%VNTCBIAS
V2HOT
NTC Discharge Threshold Voltage
Falling NTC Voltage
Hysteresis
24.5
25.5
50
26.5
%VNTCBIAS
mV
INTC
NTC Leakage Current
VNTC = VBUS = 5V
–50
50
nA
IBAT2HOT
BAT Discharge Current
VBAT = 4.1V, NTC < VTOO_HOT
180
mA
VBAT2HOT
BAT Discharge Threshold
IBAT < 0.1mA, NTC < VTOO_HOT
3.9
V
Ideal Diode
VFWD
Forward Voltage Detection
IOUT = 10mA
5
15
25
mV
RDROPOUT
Diode On-Resistance, Dropout
IOUT = 200mA
200
mΩ
IMAX
Diode Current Limit
(Note 7)
3.6
A
Overvoltage Protection
VOVCUTOFF
Overvoltage Protection Threshold
Rising Threshold, ROVSENS = 6.2k
6.10
6.35
6.70
V
VOVGATE
OVGATE Output Voltage
Input Below VOVCUTOFF
Input Above VOVCUTOFF
1.88 • VOVSENS
12
0
V
V
IOVSENSQ
OVSENS Quiescent Current
VOVSENS = 5V
40
μA
tRISE
OVGATE Time to Reach Regulation
COVGATE = 1nF
2.5
ms
Wall Adapter
VACPR
ACPR Pin Output High Voltage
ACPR Pin Output Low Voltage
IACPR = 0.1mA
IACPR = 1mA
VOUT – 0.3
VOUT
0
0.3
V
V
VW
Absolute Wall Input Threshold Voltage
VWALL Rising
VWALL Falling
3.1
4.3
3.2
4.45
V
V
ΔVW
Differential Wall Input Threshold
Voltage
VWALL – VBAT Falling
VWALL – VBAT Rising
025
75
100
mV
mV
IQWALL
Wall Operating Quiescent Current
IWALL + IVOUT, IBAT = 0mA,
WALL = VOUT = 5V
440
μA
Logic (ILIM0, ILIM1 and CHRG)
VIL
Input Low Voltage
ILIM0, ILIM1
0.4
V
VIH
Input High Voltage
ILIM0, ILIM1
1.2
V
IPD
Static Pull-Down Current
ILIM0, ILIM1; VPIN = 1V
2
μA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 10mA
0.15
0.4
V
ICHRG
CHRG Pin Input Current
VBAT = 4.5V, VCHRG = 5V
0
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com