Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4619 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4619
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619 Datasheet(HTML) 1 Page - Linear Technology

  LTM4619 Datasheet HTML 1Page - Linear Technology LTM4619 Datasheet HTML 2Page - Linear Technology LTM4619 Datasheet HTML 3Page - Linear Technology LTM4619 Datasheet HTML 4Page - Linear Technology LTM4619 Datasheet HTML 5Page - Linear Technology LTM4619 Datasheet HTML 6Page - Linear Technology LTM4619 Datasheet HTML 7Page - Linear Technology LTM4619 Datasheet HTML 8Page - Linear Technology LTM4619 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4619
1
4619f
TYPICAL APPLICATION
DESCRIPTION
Dual, 26VIN, 4A DC/DC
µModule Regulator
The LTM®4619 is a complete dual 4A step-down switch-
ing mode DC/DC power supply. Included in the package
are the switching controller, power FETs, inductor, and all
support components. Operating over input voltage ranges
of 4.5V to 26.5V, the LTM4619 supports two outputs with
voltage ranges of 0.8V to 5V, each set by a single external
resistor. Its high efficiency design delivers 4A continuous
current (5A peak) for each output.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The two outputs are
interleaved with 180° phase to minimize the ripple noise and
reduce the I/O capacitors. The device supports frequency
synchronization and output voltage tracking for supply
rail sequencing. Burst Mode operation or pulse-skipping
mode can be selected for light load operations.
Fault protection features include overvoltage protection,
overcurrent protection and foldback current limit for
short-circuit protection.
The low profile package (2.8mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation. The power module is offered in a
space saving and thermally enhanced 15mm
× 15mm ×
2.8mm LGA package. The LTM4619 is Pb-free and RoHS
compliant.
Dual 4A 3.3V/2.5V DC/DC μModule
® Regulator
FEATURES
APPLICATIONS
n Complete Standalone Power Supply
n Wide Input Voltage Range: 4.5V to 26.5V
(EXTVCC Available for VIN ≤ 5.5V)
n Dual 180° Out-of-Phase Outputs with 4A DC
Typical, 5A Peak Output Current for Each
n Dual Outputs with 0.8V to 5V VOUT Range
n Output Voltage Tracking
n ±1.5% Total DC Output Error
n Current Mode Control/Fast Transient Response
n Power Good
n Phase-Lockable Fixed Frequency 250kHz to 780kHz
n On Board Frequency Synchronization
n Parallel Current Sharing
n Selectable Burst Mode® Operation
n Output Overvoltage Protection
n Small Surface Mount Footprint, Low Profile
(15mm
× 15mm × 2.8mm) LGA Package
n Telecom and Networking Equipment
n Servers
n Storage Cards
n ATCA Cards
n Industrial Equipment
n Point of Load Regulation
Efficiency and Power Loss at 12V input
4619 TA01a
VIN
VFB1
COMP1
VOUT1
TK/SS1
RUN1
PGOOD
FREQ/PLLFLTR
VFB2
COMP2
VOUT2
TK/SS2
RUN2
EXTVCC
INTVCC
MODE/PLLIN
LTM4619
SGND
PGND
28k
19.1k
100μF
100μF
VOUT2
3.3V/4A
VOUT1
2.5V/4A
0.1μF
10μF
2
0.1μF
5.5V TO 26.5V
22pF
22pF
LOAD CURRENT (A)
0
95
90
80
70
85
75
60
65
55
2.0
1.5
1.0
0.5
0
3
2
1
1.5
3.5
4619 TA01b
4
2.5
0.5
2.5VOUT
3.3VOUT
EFFICIENCY
POWER LOSS
L, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode and μModule are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.


Similar Part No. - LTM4619

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4619 LINEAR_DIMENSIONS-LTM4619 Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
Dual, 26VIN, 4A DC/DC Module Regulator
More results

Similar Description - LTM4619

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
60V, 4A DC/DC Module Regulator
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
Dual, 26VIN, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
60V, 4A DC/DC Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com