Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4619 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4619
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619 Datasheet(HTML) 2 Page - Linear Technology

  LTM4619 Datasheet HTML 1Page - Linear Technology LTM4619 Datasheet HTML 2Page - Linear Technology LTM4619 Datasheet HTML 3Page - Linear Technology LTM4619 Datasheet HTML 4Page - Linear Technology LTM4619 Datasheet HTML 5Page - Linear Technology LTM4619 Datasheet HTML 6Page - Linear Technology LTM4619 Datasheet HTML 7Page - Linear Technology LTM4619 Datasheet HTML 8Page - Linear Technology LTM4619 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4619
2
4619f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 28V
INTVCC, PGOOD, RUN1, RUN2, EXTVCC....... –0.3V to 6V
COMP1, COMP2, VFB1, VFB2, .................... –0.3V to 2.7V
MODE/PLLIN, TK/SS1, TK/SS2,
FREQ/PLLFLTR...................................... –0.3V to INTVCC
VOUT1, VOUT2.................................................. 0.8V to 5V
Internal Operating Temperature Range (Note 2)
.......................................................... –40°C to 125°C
Junction Temperature ........................................... 125°C
Maximum Reflow Body Temperature .................... 245°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
LGA PACKAGE
144-LEAD (15mm × 15mm × 2.8mm)
TOP VIEW
12345678
10
911
12
L
K
J
H
G
F
E
D
C
B
M
A
TJMAX = 125°C, θJA = 13°C/W, θJP = 6°C/W
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.7g
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
VIN ≤ 5.5V, Connect VIN and INTVCC Together
l
4.5
26.5
V
VOUT1, 2(RANGE)
Output Voltage Range
VIN = 5.5V to 26.5V
l
0.8
5.0
V
VOUT1, 2(DC)
Output Voltage
CIN = 10μF ×1, COUT = 100μF Ceramic, 100μF POSCAP,
RSET = 28.0kΩ
VIN = 12V, VOUT = 2.5V, IOUT = 0A
VIN = 12V, VOUT = 2.5V, IOUT = 4A
l
2.483
2.470
2.52
2.52
2.557
2.570
V
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Thresholds
VINTVCC Rising
VINTVCC Falling
2.00
1.85
2.2
2.0
2.35
2.15
V
V
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application in Figure 18. Specified as
each channel. (Note 3)
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4619EV#PBF
LTM4619EV#PBF
LTM4619V
144-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 125°C
LTM4619IV#PBF
LTM4619IV#PBF
LTM4619V
144-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com