Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

407736 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 407736
Description  Digital Sound Level Meter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407736 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  407736 Datasheet HTML 1Page - Extech Instruments Corporation. 407736 Datasheet HTML 2Page - Extech Instruments Corporation. 407736 Datasheet HTML 3Page - Extech Instruments Corporation. 407736 Datasheet HTML 4Page - Extech Instruments Corporation. 407736 Datasheet HTML 5Page - Extech Instruments Corporation. 407736 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
407736 V2.0 5/08
5
Support line (781) 890-7440
Technical Support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Extech Instruments Corporation, 285 Bear Hill Road, Waltham, MA 02451
Specifications
Display
3-1/2 digit (2000 count) LCD
Display update rate
0.5 seconds
Microphone
0.5” Electret condensor
Measurement Bandwidth
31.5Hz to 8KHz
Dynamic range
55dB
Measurement Range
35 to 130dB (Low: 35 to 100; High: 65 to 130dB)
Frequency weighting
‘A’ and ‘C’ (selectable)
Applicable standards
IEC-651 & ANSI S1.4 Type 2
Accuracy / Resolution
± 1.5dB / 0.1dB
Maximum Hold decay time
<1dB / 3min
Response time
Fast: 125 milliseconds / Slow: 1 second
Built-in calibration check
1KHz internal sine wave @ 94dB
AC Analog output
0.65VAC rms (full scale); 600
Ω output impedance
DC Analog output
10mVDC / dB; 100
Ω output impedance (approx).
Power
9V Battery
Battery life
50 hours (typical); Low battery indicator alerts user
Operating temperature
32 to 104
oF (0 to 40oC)
Operating humidity
10 to 90% RH
Dimensions/weight
9.45 x 2.68 x 1” (240 x 68 x 25mm) / 6.75oz (210g)
Calibration and Repair Services
Extech offers repair and calibration services for the products we sell. Extech also
provides NIST certification for most products. Call the Customer Care Department for
information on calibration services available for this product. Extech recommends that
annual calibrations be performed to verify meter performance and accuracy.
Copyright © 2008 Extech Instruments Corporation (a FLIR company)
All rights reserved including the right of reproduction in whole or in part in any form.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com