Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

407736 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 407736
Description  Digital Sound Level Meter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407736 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  407736 Datasheet HTML 1Page - Extech Instruments Corporation. 407736 Datasheet HTML 2Page - Extech Instruments Corporation. 407736 Datasheet HTML 3Page - Extech Instruments Corporation. 407736 Datasheet HTML 4Page - Extech Instruments Corporation. 407736 Datasheet HTML 5Page - Extech Instruments Corporation. 407736 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
407736 V2.0 5/08
2
Introduction
Congratulations on your purchase of the Extech Model 407736 Digital Sound Level Meter.
This meter is shipped fully tested and calibrated and, with proper use, will provide years of
reliable service.
Meter Description
1.
Microphone
2.
LCD display
3.
POWER OFF & RANGE select switch
4.
RESPONSE & HOLD select switch
5.
A/C weighting and Calibration switch
6.
Calibration adjust screw for 94dB
7.
Reset key (resets max hold reading)
8.
AC/DC analog output 3.5mm phone jack
9.
Battery compartment and Tripod mount are located on the
back of meter
Measurement Considerations
1.
Wind blowing across the microphone adds extraneous noise to the measurement.
Use the supplied windscreen to cover the microphone when applicable.
2.
Calibrate the instrument before each use if possible. Especially if the meter has not
been used for a long period of time.
3.
Do not store or operate the instrument in areas of high temperature or humidity.
4.
Keep meter and microphone dry.
5.
Avoid severe vibration when using the meter.
6.
Remove the battery when the meter is to be stored for long periods of time.
1
2
35
4
7
8
9
6
Lo = 35 ~ 100dB
HI = 75 ~ 130dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com