Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT100GT60B2RG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT100GT60B2RG
Description  Thunderbolt IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT60B2RG Datasheet(HTML) 5 Page - Microsemi Corporation

  APT100GT60B2RG Datasheet HTML 1Page - Microsemi Corporation APT100GT60B2RG Datasheet HTML 2Page - Microsemi Corporation APT100GT60B2RG Datasheet HTML 3Page - Microsemi Corporation APT100GT60B2RG Datasheet HTML 4Page - Microsemi Corporation APT100GT60B2RG Datasheet HTML 5Page - Microsemi Corporation APT100GT60B2RG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Curves
APT100GT60B2R_LR(G)
0.30
0.25
0.20
0.15
0.10
0.05
0
0.3
0.9
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-5
10-4
10-3
10-2
10-1
1.0
10
10,000
5,000
1,000
500
100
350
300
250
200
150
100
50
0
V
CE
, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
V
CE
, COLLECTOR TO EMITTER VOLTAGE
Figure 17, Capacitance vs Collector-To-Emitter Voltage
Figure 18,Minimim Switching Safe Operating Area
0
10
20
30
40
50
0
100
200
300
400
500
600
700
FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL
10 20
30
40
50
60
70
80
90 100
I
C
, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
100
50
10
5
1
C
0es
C
res
0.5
0.1
0.05
F
max
= min (f
max, f max2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - P cond
E
on2 + E off
f
max2 =
P
diss =
T
J - T C
R θJC
C
ies
T
J
= 125
°C
D = 50 %
V
CE
= 400V
R
G
= 4.3
Ω
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
T
C
= 75
°C
T
C
= 100
°C
0.0587
0.132
0.0587
0.0120
0.420
4.48
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com