Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TK71529AS Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK71529AS
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71529AS Datasheet(HTML) 5 Page - TOKO, Inc

  TK71529AS Datasheet HTML 1Page - TOKO, Inc TK71529AS Datasheet HTML 2Page - TOKO, Inc TK71529AS Datasheet HTML 3Page - TOKO, Inc TK71529AS Datasheet HTML 4Page - TOKO, Inc TK71529AS Datasheet HTML 5Page - TOKO, Inc TK71529AS Datasheet HTML 6Page - TOKO, Inc TK71529AS Datasheet HTML 7Page - TOKO, Inc TK71529AS Datasheet HTML 8Page - TOKO, Inc TK71529AS Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
March 2001 TOKO, Inc.
Page 5
TK715xxAS
TYPICAL PERFORMANCE CHARACTERISTICS
T
A = 25 °C, unless otherwise specified.
TEST CIRCUIT
LOAD REGULATION
IOUT (mA)
0
50
100
VOUT TYPICAL
3
5
SHORT CIRCUIT CURRENT
IOUT (mA)
1
0
100
200
4
2
0
OUTPUT VOLTAGE vs.
INPUT VOLTAGE
VIN (V)
0
VOUT TYPICAL
IOUT = 100 mA
IOUT = 50 mA
IOUT = 0 mA
VIN = VOUT
50 mV/DIV
60
100
REVERSE BIAS CURRENT RANGE
VREV (V)
20
0
5
10
80
40
0
VOUT = 2.0 V
VOUT = 8.0 V
Because the output voltage is
different, the reverse current
will change this area.
(VIN = 0 V)
2
INPUT CURRENT VS.
INPUT VOLTAGE
VIN (V)
0
5
10
1
0
IOUT = 0 mA
VOUT = 3 V
LINE REGULATION
VIN (V)
0
10
20
VOUT TYPICAL
IOUT
VIN
VIN
VOUT
CIN
0.1 µF
VOUT
IIN
GND
CL
1.0 µF
TANTALUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com