Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TK71529AS Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK71529AS
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71529AS Datasheet(HTML) 1 Page - TOKO, Inc

  TK71529AS Datasheet HTML 1Page - TOKO, Inc TK71529AS Datasheet HTML 2Page - TOKO, Inc TK71529AS Datasheet HTML 3Page - TOKO, Inc TK71529AS Datasheet HTML 4Page - TOKO, Inc TK71529AS Datasheet HTML 5Page - TOKO, Inc TK71529AS Datasheet HTML 6Page - TOKO, Inc TK71529AS Datasheet HTML 7Page - TOKO, Inc TK71529AS Datasheet HTML 8Page - TOKO, Inc TK71529AS Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2001 TOKO, Inc.
Page 1
TK715xxAS
BLOCK DIAGRAM
TK715xxAS
LOW DROPOUT VOLTAGE REGULATOR
The TK715xx is a low dropout linear regulator housed in a
small SOT23-3 package, rated at 400 mW. An internal
PNP transistor is used to achieve a low dropout voltage of
105 mV (typ.) at 50 mA load current. This device offers
high precision output voltage of ± 2.0 % or ± 60 mV. The
TK715xx has a very low quiescent current of 25 µA (typ.)
at no load. The low quiescent current and dropout voltage
make this part ideal for battery powered applications. The
internal reverse bias protection eliminates the requirement
for a reverse voltage protection diode, saving cost and
board space. The high 60 dB ripple rejection and low noise
provide enhanced performance for critical applications.
DESCRIPTION
n Battery Powered Systems
n Cellular Telephones
n Pagers
n Personal Communications Equipment
n Portable Instrumentation
n Portable Consumer Equipment
n Radio Control Systems
n Toys
n Low Voltage Systems
APPLICATIONS
n High Voltage Precision at ± 2.0% or ± 60 mV
n Very Low Quiescent Current
n Very Low Dropout Voltage
n Reverse Voltage Protection
n Miniature Package (SOT23-3)
n Short Circuit Protection
n High Ripple Rejection
n Can use Multilayer Ceramic Capacitors
FEATURES
GND
VOUT
VIN
20P
30T
TK715
ASCL
Voltage Code
Tape/ Reel Code
Temp. Code
Package Code
ORDERING INFORMATION
VOLTAGE CODE
15 = 1.5 V
35 = 3.5 V
16 = 1.6 V
36 = 3.6 V
17 = 1.7 V
37 = 3.7 V
18 = 1.8 V
38 = 3.8 V
19 = 1.9 V
39 = 3.9 V
20 = 2.0 V
40 = 4.0 V
21 = 2.1 V
41 = 4.1 V
22 = 2.2 V
42 = 4.2 V
23 = 2.3 V
43 = 4.3 V
24 = 2.4 V
44 = 4.4 V
25 = 2.5 V
45 = 4.5 V
26 = 2.6 V
46 = 4.6 V
27 = 2.7 V
47 = 4.7 V
28 = 2.8 V
48 = 4.8 V
29 = 2.9 V
49 = 4.9 V
30 = 3.0 V
50 = 5.0 V
31 = 3.1 V
60 = 6.0 V
32 = 3.2 V
70 = 7.0 V
33 = 3.3 V
80 = 8.0 V
34 = 3.4 V
90 = 9.0 V
TAPE/REEL CODE
L: Tape Left
TEMPERATURE CODE
C -30 to +80 °C
PACKAGE CODE
S : SOT-23-3
GND
VIN
VOUT
THERMAL
PROTECTION
+
-
+
-
BANDGAP
REFERENCE


Similar Part No. - TK71529AS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71529 TOKO-TK71529 Datasheet
76Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR
TK71529S TOKO-TK71529S Datasheet
76Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR
TK71529SCL TOKO-TK71529SCL Datasheet
76Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR
TK71529SCL/29 TOKO-TK71529SCL/29 Datasheet
76Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71529AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com