Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-8/XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS4SD4M16DG-8/XT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-8/XT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS4SD4M16DG-8/XT Datasheet HTML 3Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 4Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 5Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 6Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 7Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 8Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 9Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 10Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
Type = Sequential
Type = Interleaved
A0
0
0 - 1
0 - 1
1
1-0
1-0
A1
A0
0
0
0,1,2,3
0,1,2,3
0
1
1,2,3,0
1,0,3,2
1
0
2,3,0,1
2,3,0,1
1
1
3,0,1,2
3,2,1,0
A2
A1
A0
00
0
0,1,2,3,4,5,6,7
0,1,2,3,4,5,6,7
00
1
1,2,3,4,5,6,7,0
1,0,3,2,5,4,7,6
01
0
2,3,4,5,6,7,0,1
2,3,0,1,6,7,4,5
01
1
3,4,5,6,7,0,1,2
3,2,1,0,7,6,5,4
10
0
4,5,6,7,0,1,2,3
4,5,6,7,0,1,2,3
10
1
5,6,7,0,1,2,3,4
5,4,7,6,1,0,3,2
11
0
6,7,0,1,2,3,4,5,
6,7,4,5,2,3,0,1
11
1
7,0,1,2,3,4,5,6
7,6,5,4,3,2,1,0
Cn, Cn+1, Cn+2,
Cn+3, Cn+4…
Not Supported
…Cn-1,
Cn…
BURST DEFINITION
Table 1
8
Full Page
(y)
n = A0 - A9
location 0 - y
Order of Access Within a Burst
Burst
Length
2
4
Starting Column
Address
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus
M3=0
M3=1
000
1
1
001
2
2
010
4
4
011
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Full Page
Reserved
M3
0
1
M6
M5
M4
000
001
010
011
100
101
110
111
M8
M7
00
--
M9
0
1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
2
3
Burst Type
Sequential
* Should program M11,
M10=0,0 to ensure
compatibility with future
devices.
CAS Latency
Single Location Access
M6 - M0
Defined
-
Operating Mode
Standard Operation
All other states reserved
Write Burst Mode
Programmed Burst Length
Interleave
Mode Register(Mx)
Burst Length
M2
M1
M0
11
10
9
8
7
6
5
4
3
2
1
0
Reserved*
WB
Op Mode
CAS Latency
BT
Burst Length
BURST TYPE
Accesses within a given burst may be programmed to
be either sequential or interleaved; this is referred to as the
burst type and is selected via bit M3.
The ordering of accesses within a burst is determined
by the burst length, the burst type and the starting column
address, as shown in Table 1.
NOTE:
1.
For full-page accesses: y = 256 (x16).
2.
For a burst length of two, A1-A7 (x16)
select the block-of-two burst; A0 selects
the starting column within the block.
3.
For a burst length of four, A2-A7 (x16)
select the block-of-four burst; A0-A1
select the starting column within the
block.
4.
For a burst length of eight, A3-A7 (x16)
select the clock-of-eight burst; A0-A2
select the starting column within the
block.
5.
For a full-page burst, the full row is
selected and A0-A7 (x16) select the
starting column.
6.
Whenever a boundary of the block is
reached within a given sequence above,
the following access wraps within the
block.
7.
For a burst length of one, A0-A7 (x16)
select the unique column to be accessed,
and Mode Register bit M3 is ignored.
FIGURE 1
MODE REGISTER DEFINITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com