Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-8/XT Datasheet(PDF) 21 Page - Austin Semiconductor

Part # AS4SD4M16DG-8/XT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-8/XT Datasheet(HTML) 21 Page - Austin Semiconductor

Back Button AS4SD4M16DG-8/XT Datasheet HTML 17Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 18Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 19Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 20Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 21Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 22Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 23Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 24Page - Austin Semiconductor AS4SD4M16DG-8/XT Datasheet HTML 25Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
Austin Semiconductor, Inc.
Fixed-length or full-page WRITE bursts can be
truncated with the BURST TERMINATE command. When
truncating a WRITE burst, the input data applied coincident
with the BURST TERMINATE command will be ignored. The
last data written (provided that DQM is LOW at that time) will
be the input data applied one clock previous to the BURST
TERMINATE command. This is shown in Figure 19, where data
n is the last desired data element of a longer burst.
PRECHARGE
The PRECHARGE command is used to deactivate the
open row in a particular bank or the open row in all banks. The
bank(s) will be available for a subsequent row access some
specified time (t
RP
) after the PRECHARGE command is issued.
Input A10 determines whether one or all banks are to be
precharged, and in the case where only one bank is to be
precharged, inputs BA0, BA1 select the bank. When all banks
are to be precharged, inputs BA0, BA1 are treated as “Don’t
Care.” Once a bank has been precharged, it is in the idle state
and must be activated prior to any READ or WRITE commands
being issued to that bank.
POWER-DOWN
Power-down occurs if CKE is registered LOW
coincident with a NOP or COMMAND INHIBIT when no
accesses are in progress. If power-down occurs when all banks
are idle, this mode is referred to as precharge power-down; if
power-down occurs when there is a row active in either bank,
this mode is referred to as active power-down. Entering power-
down deactivates the input and output buffers, excluding CKE,
for maximum power savings while in standby. The device may
not remain in the power-down state longer than the refresh
period (64ms/16ms) since no refresh operations are performed
in this mode.
The power-down state is exited by registering a NOP
or COMMAND INHIBIT and CKE HIGH at the desired clock
edge (meeting t
CKS
).
T0
T1
T2
WRITE
CLK
COMMAND
ADDRESS
DQ
12345
12345
12345
12345
12345
12345
12345
12345
12
12
12
BANK,
COL
n
NEXT
COMMAND
12345
12345
12345
12345
123456
123456
123456
123456
123
123
123
123
D
IN n
123456
123456
123456
123456
NOTE: DQMs is LOW.
Figure 19
TERMINATING A WRITE BURST
BURST
TERMI-
NATE
(ADDRESS)
(DATA)
CLK
CKE
COMMAND
tCKS
>tCKS
NOP
12345678
12345678
12345678
12345678
12345678
12345678
12345678
12345678
12345678
12345678
12345678
12345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
NOP
ACTIVE
tRCD
tRC
t RAS
Input buffers gated off
All banks idle
Enter power-down mode.
Exit power-down mode.
1234
1234
1234
1234
DON’T CARE
Figure 21
POWER-DOWN
CLK
CKE
HIGH
CS\
12345678
12345678
12345678
123456789012
123456789012
123456789012
1
1
1
12
12
12
12345
12345
12345
12345678901
12345678901
12345678901
12
12
12
12
12
12
RAS\
CAS\
WE\
1234567890123456
1234567890123456
12
12
123456789012345678901234
123456789012345678901234
12
12
123
123
123
1234567890123456
1234567890123456
1234567890123456
12
12
12
12
12
12
123
123
123
123456789012
123456789012
123456789012
12
12
12
1
1
A0-A9
BA
BANK ADDRESS
Figure 20
PRECHARGE COMMAND
123
123
123
123456789012345
123456789012345
123456789012345
12
12
12
12
12
12
123
123
123
123456789012
123456789012
123456789012
12
12
12
1
1
1
A10
12345678
12345678
12345678
123456789012
123456789012
123456789012
1
1
1
12
12
12
12345
12345
12345
12345678901
12345678901
12345678901
12
12
12
12
12
12
12345
12345
12345
12345678
12345678
12345678
12345678
12345678
12345678
1
1
1
1
1
1
1
12345678901234
12345678901234
12345678901234
12
12
12
12
12
12
12345678
12345678
123456789012
123456789012
1
1
12
12
12345
12345
12345678901
12345678901
1
1
12
12
12
12
BANK SELECTED
ALL BANKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com