Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUV20 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUV20
Description  50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUV20 Datasheet(HTML) 1 Page - Motorola, Inc

  BUV20 Datasheet HTML 1Page - Motorola, Inc BUV20 Datasheet HTML 2Page - Motorola, Inc BUV20 Datasheet HTML 3Page - Motorola, Inc BUV20 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
SWITCHMODE Series
NPN Silicon Power Transistor
. . . designed for high speed, high current, high power applications.
• High DC current gain:
hFE min = 20 at IC = 25 A
hFE min = 10 at IC = 50 A
• Low VCE(sat):
VCE(sat) max. = 0.6 V at IC = 25 A
VCE(sat) max. = 1.2 V at IC = 50 A
• Very fast switching times:
TF = 0.25 µs at IC = 50 A
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emititer Voltage
VCEO(sus)
125
Vdc
Collector–Base Voltage
VCBO
160
Vdc
Emitter–Base Voltage
VEBO
7
Vdc
Collector–Emitter Voltage (VBE = –1.5 V)
VCEX
160
Vdc
Collector–Emitter voltage (RBE = 100 Ω)
VCER
150
Vdc
Collector–Current — Continuous
— Peak (pw
v 10 ms)
IC
ICM
50
60
Adc
Apk
Base–Current continuous
IB
10
Adc
Total Power Dissipation @ TC = 25_C
PD
250
Watts
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
0.7
_C/W
Figure 1. Power Derating
1.0
0
TC, TEMPERATURE (°C)
40
80
160
200
0.4
0.8
0.6
0.2
120
SWITCHMODE is a trademark of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUV20/D
© Motorola, Inc. 1995
BUV20
50 AMPERES
NPN SILICON
POWER
METAL TRANSISTOR
125 VOLTS
250 WATTS
CASE 197A–05
TO–204AE
(TO–3)
REV 7


Similar Part No. - BUV20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUV20 ONSEMI-BUV20 Datasheet
142Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
logo
STMicroelectronics
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jan-2000
logo
Seme LAB
BUV20 SEME-LAB-BUV20 Datasheet
18Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
logo
ON Semiconductor
BUV20 ONSEMI-BUV20 Datasheet
62Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
logo
New Jersey Semi-Conduct...
BUV20 NJSEMI-BUV20 Datasheet
75Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
More results

Similar Description - BUV20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUT33 MOTOROLA-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV11 MOTOROLA-BUV11 Datasheet
138Kb / 4P
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
BUV23 MOTOROLA-BUV23 Datasheet
139Kb / 4P
30 AMPERES NPN SILICON POWER METAL TRANSISTOR 325 VOLTS 250 WATTS
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
logo
ON Semiconductor
BUT33 ONSEMI-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
1995 REV 7
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com