Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F040CW-60/XT Datasheet(PDF) 24 Page - Austin Semiconductor

Part # AS29F040CW-60/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040CW-60/XT Datasheet(HTML) 24 Page - Austin Semiconductor

Back Button AS29F040CW-60/XT Datasheet HTML 19Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 20Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 21Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 22Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 23Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 24Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 25Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 26Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 27Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
24
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case (Package Designator DCG)
SMD 5962-96692, Case Outline T
*All measurements are in inches.
MIN
MAX
A
---
0.132
A1
0.095
0.125
A2
0.003
0.007
b
0.015
0.019
C
0.004
0.007
C2
D
0.810
0.830
D1
E
0.405
0.415
E1
0.525
0.535
E2
0.305
0.315
E3
e
eA
L
Q
0.022
0.028
R
SYMBOL
SMD SPECIFICATIONS
0.750 TYP
0.030 TYP
0.007 TYP
0.050 TYP
0.050 TYP
0.436 TYP
0.060 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com