Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F040CW-60/XT Datasheet(PDF) 27 Page - Austin Semiconductor

Part # AS29F040CW-60/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040CW-60/XT Datasheet(HTML) 27 Page - Austin Semiconductor

Back Button AS29F040CW-60/XT Datasheet HTML 19Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 20Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 21Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 22Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 23Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 24Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 25Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 26Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 27Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
27
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
ASI TO DSCC PART NUMBER
CROSS REFERENCE*
ASI Package Designator CW
ASI Part #
SMD Part #
AS29F040CW-55/Q
5962-9669206HXA
AS29F040CW-60/Q
5962-9669205HXA
AS29F040CW-70/Q
5962-9669204HXA
AS29F040CW-90/Q
5962-9669203HXA
AS29F040CW-120/Q
5962-9669202HXA
AS29F040CW-150/Q
5962-9669201HXA
ASI Package Designator F
ASI Part #
SMD Part #
AS29F040F-55/Q
5962-9669206HUA
AS29F040F-60/Q
5962-9669205HUA
AS29F040F-70/Q
5962-9669204HUA
AS29F040F-90/Q
5962-9669203HUA
AS29F040F-120/Q
5962-9669202HUA
AS29F040F-150/Q
5962-9669201HUA
ASI Package Designator DCG
ASI Part #
SMD Part #
AS29F040DCG-55/Q
5962-9669206HTA
AS29F040DCG-60/Q
5962-9669205HTA
AS29F040DCG-70/Q
5962-9669204HTA
AS29F040DCG-90/Q
5962-9669203HTA
AS29F040DCG-120/Q
5962-9669202HTA
AS29F040DCG-150/Q
5962-9669201HTA
ASI Package Designator ECA
ASI Part #
SMD Part #
AS29F040ECA-55/Q
5962-9669206H_A
AS29F040ECA-60/Q
5962-9669205H_A
AS29F040ECA-70/Q
5962-9669204H_A
AS29F040ECA-90/Q
5962-9669203H_A
AS29F040ECA-120/Q
5962-9669202H_A
AS29F040ECA-150/Q
5962-9669201H_A
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com