Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS28C010CW-12/XT Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS28C010CW-12/XT
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010CW-12/XT Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS28C010CW-12/XT Datasheet HTML 6Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 7Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 8Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 9Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 10Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 11Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 12Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 13Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 14Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
*All measurements are in inches.
ASI Case #306 (Package Designator F)
SMD 5962-38267, Case Outline M
MECHANICAL DEFINITIONS*
MIN
MAX
A
0.097
0.123
A1
0.090
0.110
b
0.015
0.019
c
0.003
0.007
D
0.810
0.830
D2
0.745
0.755
E
0.425
0.445
E1
0.330
0.356
e
0.045
0.055
H
1.000
1.100
L
0.290
0.310
Q
0.026
0.037
SYMBOL
SMD SPECIFICATIONS
NOTE: All drawings are per the SMD. ASI's package dimensional limits may differ, but they will be within the SMD limits.
D
E
L
e
b
Top View
H
c
E1
A
Q
D2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com