Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS28C010CW-12/XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS28C010CW-12/XT
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010CW-12/XT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS28C010CW-12/XT Datasheet HTML 1Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 2Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 3Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 4Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 5Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 6Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 7Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 8Page - Austin Semiconductor AS28C010CW-12/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss................-0.5V to +7.0V1
Voltage on any pin Relative to Vss.......................-0.6V to +7.0V1
Storage Temperature ............................................-65
°C to +150°C
Operating Temperature Range.............................-55oC to +125oC
Soldering Temperature Range...............................................260oC
Maximum Junction Temperature**....................................+150
°C
Power Dissipation...................................................................1.0W
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < 125
oC; Vcc = 5V +10%)
PARAMETER
CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
1
VIH
2.0
VCC + 1.0V
V
Input Low (Logic 0) Voltage
1
VIL
-1.0
0.8
V
Input Leakage Current
VIN = VSS to VCC
ILI
10
Output Leakage Current
VOUT =VSS to Vcc, CE\=VIH
ILO
10
Output High Voltage
IOH = -400 A
VOH
2.4
V
Output Low Voltage
IOL = 2.1 mA
VOL
0.4
V
Notes: 1) VIL min. and VIH max. are for reference only and are not tested.
MAX
PARAMETER
CONDITIONS
SYM
-12
-15
-20
-25
UNITS NOTES
Power Supply Current:
Operating
IOUT=OmA, Vcc = 5.5V
Cycle=MIN
ICC3
100
100
80
80
mA
Power Supply Current:
Standby
CE\=Vcc, Vcc = 5.5V
ICC1
500
500
500
500
A
CE\=VIH, Vcc = 5.5V
ICC2
3
333
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com