Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F040CW-70/XT Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS29F040CW-70/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040CW-70/XT Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS29F040CW-70/XT Datasheet HTML 6Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 7Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 8Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 9Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 10Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 11Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 12Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 13Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 14Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
10
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
WRITE OPERATION STATUS
The device provides several bits to determine the status of
a write operation: DQ2, DQ3, DQ5, DQ6, and DQ7. Table 5 and
the following subsections describe the functions of these bits.
DQ7 and DQ6 each offer a method for determining whether a
program or erase operation is complete or in progress. These
three bits are discussed first.
DQ7: Data\ Polling
The Data\ Polling bit, DQ7, indicates to the host system
whether an Embedded Algorithm is in progress or completed,
or whether the device is in Erase Suspend. Data\ Polling is
valid after the rising edge of the final WE\ pulse in the program
or erase command sequence.
During the Embedded Program algorithm, the device
outputs on DQ7 the complement of the datum programmed to
DQ7. This DQ7 status also applies to programming during
Erase Suspend. When the Embedded Program algorithm is
complete, the device outputs the datum programmed to DQ7.
The system must provide the program address to read valid
status information on DQ7. If a program address falls within a
protected sector, Data\ Polling on DQ7 is active for
approximately 2µs, then the device returns to reading array
data.
During the Embedded Erase algorithm, Data\ Polling
produces a “0” on DQ7. When the Embedded Erase algorithm
is complete, or if the device enters the Erase Suspend mode,
Data\ Polling produces a “1” on DQ7. This is analogous to the
complement/true datum output described for the Embedded
Program algorithm: the erase function changes all the bits in a
sector to “1”; prior to this, the device outputs the
“complement,” or “0”. The system must provide an address
within any of the sectors selected for erasure to read valid
status information on DQ7.
After an erase command sequence is written, if all sectors
selected for erasing are protected, Data\ Polling on DQ7 is
active for approximately 100µs, then the device returns to
reading array data. If not all selected sectors are protected, the
Embedded Erase algorithm erases the unprotected sectors, and
ignores the selected sectors that are protected.
When the system detects DQ7 has changed from the
complement to true data, it can read valid data at DQ7-DQ0 on
the following read cycles. This is because DQ7 may change
asynchronously with DQ0-DQ6 while Output Enable (OE\) is
asserted low. The Data\ Polling Timings (During Embedded
Algorithms) figure in the “AC Characteristics” section
illustrates this.
Table 5 shows the outputs for Data\ Polling on DQ7.
Figure 3 shows the Data\ Polling algorithm.
NOTE:
1) VA = Valid address for programming. During a sector erase operation,
a valid address is an address within any sector selected for erasure. During
chip erase, a valid address is any non-protected sector address.
2) DQ7 should be rechecked even if DQ5 = “1” because DQ7 may change
simultaneously with DQ5.
FIGURE 3: DATA\ POLLING ALGORITHM
DQ6: Toggle Bit I
Toggle bit I on DQ6 indicates whether an Embedded
Program or Erase algorithm is in progress or complete, or whether
the device has entered the Erase Suspend mode. Toggle Bit I
may be read at any address, and is valid after the rising edge of
the final WE\ pulse in the command sequence (prior to the
program or erase operation), and during the sector erase time-
out.
During an Embedded Program or Erase algorithm
operation, successive read cycles to any address cause DQ6 to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com