Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F040CW-70/XT Datasheet(PDF) 14 Page - Austin Semiconductor

Part # AS29F040CW-70/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040CW-70/XT Datasheet(HTML) 14 Page - Austin Semiconductor

Back Button AS29F040CW-70/XT Datasheet HTML 10Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 11Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 12Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 13Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 14Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 15Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 16Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 17Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 18Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
14
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
DC CHARACTERISTICS: TTL/NMOS Compatible
NOTES:
1. The I
CC
current listed includes both the DC operating current and the frequency dependent component (at 6 MHz). The frequency component
typically is less than 2mA/MHz, with OE\ at V
IH
.
2. Maximum I
CC
specifications are tested with V
CC
= V
CC
Max.
3. I
CC
active while Embedded Algorithm (program or erase) is in progress.
4. Not 100% tested.
5. For CMOS mode only, I
CC3
= 20µA max at extended temperatures (>+85°C).
DC CHARACTERISTICS: CMOS Compatible
PARAMETER
DESCRIPTION
SYM
MIN
TYP
MAX
UNIT
Input Load Current
VIN = VSS to VCC, VCC = VCC Max
ILI
±1.0
µA
A9 Input Load Current
VCC = VCC Max, A9 = 12.5V
ILIT
50
µA
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
ILO
±1.0
µA
VCC Active Read Current
1,2
CE\ = VIL, OE\ = VIH
ICC1
20
30
mA
VCC Active Write (Program/Erase)
Current
2,3,4
CE\ = VIL, OE\ = VIH
ICC2
30
40
mA
VCC Standby Current
2
CE\ = VIH
ICC3
0.4
1.0
mA
Input Low Voltage
VIL
-0.5
0.8
V
Input High Voltage
VIH
2.0
VCC + 0.5
V
Voltage for Autoselect and Sector
Protect
VCC = 5.25V
VID
10.5
12.5
V
Output Low Voltage
IOL = 12 mA, VCC = VCC Min
VOL
0.45
V
Output High Voltage
IOH = -2.5 mA, VCC = VCC Min
VOH
2.4
V
Low VCC Lock-out Voltage
VLKO
3.2
4.2
V
PARAMETER
DESCRIPTION
SYM
MIN
TYP
MAX
UNIT
Input Load Current
VIN = VSS to VCC, VCC = VCC Max
ILI
±1.0
µA
A9 Input Load Current
VCC = VCC Max, A9 = 12.5V
ILIT
50
µA
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
ILO
±1.0
µA
VCC Active Read Current
1,2
CE\ = VIL, OE\ = VIH
ICC1
20
30
mA
VCC Active Program/Erase
Current
2,3,4
CE\ = VIL, OE\ = VIH
ICC2
30
40
mA
VCC Standby Current
2, 5
CE\ = VCC ± 0.5V
ICC3
15
µA
Input Low Voltage
VIL
-0.5
0.8
V
Input High Voltage
VIH
0.7 x VCC
VCC + 0.3
V
Voltage for Autoselect and
Sector Protect
VCC = 5.25V
VID
10.5
12.5
V
Output Low Voltage
IOL = 12 mA, VCC = VCC Min
VOL
0.45
V
Output High Voltage
IOH = -2.5 mA, VCC = VCC Min
VOH1 0.85 VCC
V
IOH = -100 µA, VCC = VCC Min
VOH2 VCC - 0.4
V
Low VCC Lock-out Voltage
VLKO
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com