Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9547BCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 51Page - Analog Devices AD9547BCPZ Datasheet HTML 52Page - Analog Devices AD9547BCPZ Datasheet HTML 53Page - Analog Devices AD9547BCPZ Datasheet HTML 54Page - Analog Devices AD9547BCPZ Datasheet HTML 55Page - Analog Devices AD9547BCPZ Datasheet HTML 56Page - Analog Devices AD9547BCPZ Datasheet HTML 57Page - Analog Devices AD9547BCPZ Datasheet HTML 58Page - Analog Devices AD9547BCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
AD9547
Rev. 0 | Page 55 of 104
Data Transfer Process
The master initiates data transfer by asserting a start condition.
This indicates that a data stream follows. All I2C slave devices
connected to the serial bus respond to the start condition.
The master then sends an 8-bit address byte over the SDA line,
consisting of a 7-bit slave address (MSB first) plus an R/W bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device (0 =
write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by sending an acknowledge bit. All other devices
on the bus remain idle while the selected device waits for data to be
read from or written to it. If the R/W bit = 0, the master (trans-
mitter) writes to the slave device (receiver). If the R/W bit = 1,
the master (receiver) reads from the slave device (transmitter).
See the
section for the command format.
Data Transfer Format
Data is then sent over the serial bus in the format of nine clock
pulses, one data byte (eight bits) from either master (write mode)
or slave (read mode) followed by an acknowledge bit from the
receiving device. The number of bytes that can be transmitted
per transfer is unrestricted. In write mode, the first two data
bytes immediately after the slave address byte are the internal
memory (control registers) address bytes with the high address
byte first. This addressing scheme gives a memory address up to
216 − 1 = 65,535. The data bytes after these two memory address
bytes are register data written into or read from the control regi-
sters. In read mode, the data bytes after the slave address byte are
register data written into or read from the control registers.
When all data bytes are read or written, stop conditions are estab-
lished. In write mode, the master (transmitter) asserts a stop
condition to end data transfer during the 10th clock pulse following
the acknowledge bit for the last data byte from the slave device
(receiver). In read mode, the master device (receiver) receives the
last data byte from the slave device (transmitter) but does not pull
SDA low during the ninth clock pulse. This is known as a no
acknowledge bit. When receiving the no acknowledge bit, the slave
device knows the data transfer is finished and enters idle mode.
The master then takes the data line low during the low period
before the 10th clock pulse, and high during the 10th clock pulse
to assert a stop condition.
A start condition can be used in place of a stop condition.
Furthermore, a start or stop condition can occur at any time,
and partially transferred bytes are discarded.
12
89
12
3 TO 7
3 TO 7
89
10
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
SDA
SCL
S
MSB
P
Figure 60. Data Transfer Process (Master Write Mode, 2-Byte Transfer Used for Illustration)
12
89
12
3 TO 7
3 TO 7
89
10
ACK FROM
MASTER RECEIVER
NO ACK FROM
MASTER RECEIVER
SDA
SCL
S
P
Figure 61. Data Transfer Process (Master Read Mode, 2-Byte Transfer Used for Illustration)
Data Transfer Format
In write byte format, the write byte protocol is used to write a register address to the RAM starting from the specified RAM address.
S
Slave
Address
W
A
RAM Address
High Byte
A
RAM Address
Low Byte
A
RAM
Data 0
A
RAM
Data 1
A
RAM
Data 2
A
P
In send byte format, the send byte protocol is used to set up the register address for subsequent reads.
S
Slave Address
W
A
RAM Address High Byte
A
RAM Address Low Byte
A
P
In receive byte format, the receive byte protocol is used to read the data bytes from RAM starting from the current address.
S
Slave Address
R
A
RAM Data 0
A
RAM Data 1
A
RAM Data 2
A
P
Read byte format combines the format of the send byte and the receive byte formats.
S
Slave
Address
W
A
RAM
Address
High Byte
A
RAM
Address
Low Byte
A
Sr
Slave
Address
R
A
RAM
Data
0
A
RAM
Data
1
A
RAM
Data
2
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com