Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9547BCPZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 70Page - Analog Devices AD9547BCPZ Datasheet HTML 71Page - Analog Devices AD9547BCPZ Datasheet HTML 72Page - Analog Devices AD9547BCPZ Datasheet HTML 73Page - Analog Devices AD9547BCPZ Datasheet HTML 74Page - Analog Devices AD9547BCPZ Datasheet HTML 75Page - Analog Devices AD9547BCPZ Datasheet HTML 76Page - Analog Devices AD9547BCPZ Datasheet HTML 77Page - Analog Devices AD9547BCPZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
AD9547
Rev. 0 | Page 74 of 104
CLOCK DISTRIBUTION OUTPUT CONFIGURATION (REGISTER 0x0400 TO REGISTER 0x0417)
Table 66. Distribution Settings1
Address
Bit
Bit Name
Description
0x0400
[7:6]
Unused
Unused.
5
External distribution resistor
Output current control for the clock distribution outputs.
0 (default) = internal current setting resistor.
1 = external current setting resistor.
4
Receiver mode
Clock distribution receiver mode.
0 (default) = normal operation.
1 = high frequency mode (super-Nyquist).
[3:2]
Unused
Write a 1 to these bits.
1
OUT1 power-down
Power down clock distribution output OUT1.
0 (default) = normal operation.
1 = power down.
0
OUT0 power-down
Power down clock distribution output OUT0.
0 (default) = normal operation.
1 = power-down.
1 When Bits [1:0] = 11, the clock distribution output enters a deep sleep mode.
Table 67. Distribution Enable
Address
Bit
Bit Name
Description
0x0401
[7:2]
Unused
Unused.
1
OUT1 enable
Enable the OUT1 driver.
0 (default) = disable.
1 = enable.
0
OUT0 enable
Enable the OUT0 driver.
0 (default) = disable.
1 = enable.
Table 68. Distribution Synchronization
Address
Bit
Bit Name
Description
0x0402
[7:6]
Unused
Unused.
[5:4]
Sync source
Select the sync source for the clock distribution output channels.
00 (default) = direct.
01 = active reference.
10 = DPLL feedback edge.
11 = reserved.
[3:2]
Unused
Unused.
1
OUT1 sync mask
Mask the synchronous reset to the OUT1 divider.
0 (default) = unmasked.
1 = masked.
0
OUT0 sync mask
Mask the synchronous reset to the OUT0 divider.
0 (default) = unmasked.
1 = masked.
Table 69. Automatic Synchronization
Address
Bit
Bit Name
Description
0x0403
[7:2]
Unused
Unused.
[1:0]
Automatic sync mode
Autosync mode.
00 (default) = disabled.
01 = sync on DPLL frequency lock.
10 = sync on DPLL phase lock.
11 = reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com