Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3072EEN-L/TR Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3072EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3072EEN-L/TR Datasheet(HTML) 1 Page - Exar Corporation

  SP3072EEN-L/TR Datasheet HTML 1Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 2Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 3Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 4Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 5Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 6Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
2
1
3
4
5
6
7
8
9
10
11
12
13
14
14 PIN NSOIC
Full Duplex
SP3070E
SP3073E
SP3076E
2
1
3
4
5
6
7
8
8 PIN NSOIC
Full Duplex
SP3071E
SP3074E
SP3077E
2
1
3
4
5
6
7
8
8 PIN NSOIC
Half Duplex
SP3072E
SP3075E
SP3078E
RO
RE
DE
DI
GND
A
B
Vcc
Vcc
RO
DI
GND
A
B
Z
Y
DI
NC
RO
RE
DE
GND
GND
NC
Y
Z
B
A
NC
Vcc
DESCRIPTION
FEaTuRES
■ ±15kV ESD protection for RS485 pins
■ 3.3V low-power operation
■ Advanced Receiver-failsafe protection for
open, shorted or terminated lines
■ Up to 256 Transceivers may share Bus
■ Very low load for 8x greater fanout
■ Hot Swap glitch protection RE and DE
■ Thermal shutdown protects against driver
contention
■ Available in three industry standard footprints
■ SP3070E, 3073 and 3076 in Full-Duplex (14 pin)
■ SP3071E, 3074 and 3077 in Full-Duplex (8 pin)
■ SP3072E, 3075 and 3078 in Half-Duplex (8 pin)
■ Three applications-optimized speed grades
■ SP3070E-72E: 250kbps slew-limited
■ SP3073E-75E: 500kbps slew-limited
■ SP3076E-78E: 16Mbps high speed
■ Small form factor SO-narrow packages
■ Industrial (-40 to +85ºC) and Extended
(-40 to +125ºC) temperature grades
Now Available in Lead Free Packaging
aPPlICaTIONS
■ Industrial Control, Utility Meters Building Automation, Instrumentation, Point of Sale
The SP3070E-3078E differential line transceivers are suitable for bidirectional communication
on balanced multipoint bus transmission lines and comply with both RS485 and RS422 EIA
Standards. Each device consists of a differential driver and differential receiver. All devices
operate from a 3.3V power supply.
High receiver input impedance allows a large number of transceivers to share a common
data bus while maintaining signal margin and without excessive loading or use of expensive
repeaters. The high impedance driver output is maintained over the entire common-mode
voltage range from -7 to +12V. Receivers will failsafe to logic 1 output when inputs are open,
shorted or terminated. Drivers include built-in short-circuit protection and a thermal-overload
shutdown to protect against excessive power dissipation from bus contention or cable faults.
All RS485 receiver inputs and driver outputs are ESD protected up to ±15kV (Air-Gap and
Human Body Model) and up to ±8kV Contact discharge (IEC 1000-4-2).
SP3070E - SP3078E Family
±15kV ESD-Protected, 3.3V, 1/8 load, Failsafe
RS-485/RS422 Transceivers


Similar Part No. - SP3072EEN-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3072EEN SIPEX-SP3072EEN Datasheet
171Kb / 19P
15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3072EEN/TR SIPEX-SP3072EEN/TR Datasheet
171Kb / 19P
15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
logo
Exar Corporation
SP3072EENL EXAR-SP3072EENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
More results

Similar Description - SP3072EEN-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
logo
Sipex Corporation
SP1486E SIPEX-SP1486E Datasheet
727Kb / 15P
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP3070-3078E SIPEX-SP3070-3078E_08 Datasheet
198Kb / 19P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com