Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3072EEN-L/TR Datasheet(PDF) 12 Page - Exar Corporation

Part # SP3072EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3072EEN-L/TR Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP3072EEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 9Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 10Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 11Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 12Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 13Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 14Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 15Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
12
FuNCTION TaBlES
SP3070E, SP3073E, SP3076E (Full Duplex)
TRANSMITTING
Inputs
Outputs
RE
DE
DI
Z
Y
X
1
1
0
1
X
1
0
1
0
0
0
X
High-Z
1
0
X
Shutdown
SP3070E, SP3073E, SP3076E (Full Duplex)
RECEIVING
Inputs
Output
RE
DE
A, B
RO
0
X
≥ -50mV
1
0
X
≤-200mV
0
X
X
Open,
Shorted
1
1
1
X
High-Z
1
0
X
Shutdown
SP3072E, SP3075E, SP3078E (Half Duplex)
TRANSMITTING
Inputs
Outputs
RE
DE
DI
B/Z
A/Y
X
1
1
0
1
X
1
0
1
0
0
0
X
High-Z
1
0
X
Shutdown
SP3072E, SP3075E, SP3078E (Half Duplex)
RECEIVING
Inputs
Output
RE
DE
A, B
RO
0
X
≥ -50mV
1
0
X
≤-200mV
0
X
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
SP3071E, SP3074E, SP3077E (Full Duplex)
TRANSMITTING
Inputs
Outputs
DI
Z
Y
1
0
1
0
1
0
SP3071E, SP3074E, SP3077E (Full Duplex)
RECEIVING
Inputs
Output
A, B
RO
≥ -50mV
1
≤-200mV
0
Open/shorted
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com