Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6887ER4-L/TR Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6887ER4-L/TR
Description  4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6887ER4-L/TR Datasheet(HTML) 4 Page - Exar Corporation

  SP6887ER4-L/TR Datasheet HTML 1Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 2Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 3Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 4Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 5Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 6Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 7Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 8Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL SPECIFICATIONS
Rev. C – 10/31/2007
SP6887 4 Channel WLED Driver
© 2007 Exar Corporation
4/10
TA=25ºC, VIN=3.5V, CIN=COUT=1µF, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Input Voltage Range
VIN
2.7
5.5
V
Shutdown Current
ISD
VEN=0V Shutdown Mode
0.05
1
µA
1X Mode, No Load
0.6
1.2
mA
Quiescent Current
IQ
1.5x Mode, No Load
2.5
5
mA
RSET Regulated Voltage
VRSET
1.19
1.23
1.25
V
Programmed LED Current
ILED
RSET=90kΩ
RSET=29.3kΩ
RSET=14.7kΩ
5.0
15.0
30.0
mA
LED Current Accuracy
ILED-ACC
±5
%
LED Channel Matching
ILED-DEV
(ILED-ILEDAVG)/ILEDAVG
±3
%
Output Resistance
(Open Loop)
RO
1x Mode, IO=100mA
1.5x Mode, IO=100mA
1.7
4.3
Ω
Charge Pump Frequency
fOSC
1.0
MHz
VIN at Mode Transition
from 1x to 1.5x
VIN-Tran
ILED=15mA
ILED=20mA
3.45
3.60
V
1x to 1.5x Mode Transition
Dropout Delay
TDROP
0.4
0.6
0.9
ms
Input Leakage Current
IEN-CTR
On Inputs EN, CTR0, 1 & 2
1
µA
High Detect Threshold
IEN-CTRH
On Inputs EN, CTR0, 1 & 2
1.5
V
Low Detect Threshold
IEN-CTRL
On Inputs EN, CTR0, 1 & 2
0.4
V
Typical Characteristics
VIN=3.6V, EN=VIN, RSET=24kΩ, CIN=1µF, TA=25ºC, unless otherwise noted.
1. Efficiency vs Input Voltage (4 LEDs)
2. Efficiency vs Output Current (4 LEDs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com