Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6887ER4-L/TR Datasheet(PDF) 7 Page - Exar Corporation

Part # SP6887ER4-L/TR
Description  4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6887ER4-L/TR Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP6887ER4-L/TR Datasheet HTML 2Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 3Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 4Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 5Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 6Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 7Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 8Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 9Page - Exar Corporation SP6887ER4-L/TR Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ELECTRICAL SPECIFICATIONS
Rev. C – 10/31/2007
SP6887 4 Channel WLED Driver
© 2007 Exar Corporation
7/10
13. Output Ripple
THEORY OF OPERATION
Detailed Description
As shown in the block diagram on page 2,
the main components within the SP6887
include a fractional charge pump, mode
selection circuit, output selection logic,
LED current setting detection circuit, and
4 current sense circuits.
The fractional charge pump multiplies the
input voltage a multiple of 1X and 1.5X
times the input voltage. The charge pump
switches at a fixed 1MHz when the mode
is 1.5X. The charge pump does not switch
during 1X mode, saving power and
improving efficiency.
The mode selection circuit automatically
selects the mode as 1X or 1.5X based on
circuit conditions such as LED voltage,
input voltage and load current. 1X is the
more efficient mode than 1.5X mode.
Table 1 on page 2 shows the output
selection logic control over the LED
outputs for on and off functions with 8
different output states.
The current set and detection circuit uses
an external resistor and a 1.20V reference
to program the LED current.
4 current regulating circuits sink matched
currents from the LEDs. LEDs with
matched forward voltage will produce the
best possible matched currents. For best
matching performance it is recommended
that the Vf between LEDs be under
250mV.
The unused LED channels can be turned
off by CTR0, CTR1 and CTR2, and
connecting the respective LED pins to
VOUT
pin,
in
which
case,
the
corresponding LED driver sink current is
only about 20µA.
Methods for Setting LED Current
There are 4 methods for setting and
adjusting the LED current outlined here.
The methods are:
1) RSET only
2) Analog Reference VSET
3) PWM Input at CTR0
4) PWM Input at EN
Method 1: LED Current Setting Using
the External Resistor RSET
The most basic means of setting the LED
current is with a resistor connected from
RSET to GND, as shown in the application
circuit on Page 1.
The
resistor
RSET
establishes
the
reference current needed for a constant
LED current. Values of RSET for a fixed
LED current are given in Table 2, “RSET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com