Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC7315 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC7315
Description  2CH OUTPUT STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7315 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC7315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SC7315
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 8 of 13
Fig. 19 Acknowledge on the I
2C BUS
6. Transmission without acknowledge
Avoiding to detect the acknowledge of the audioprocessor, the microprocessor can use a simpler transmission:
simply it waits one clock without checking the slave acknowledgig, and sends the new data.
This approach of course is less protected from mis-working and decreases the noise immunity.
SOFTWARE SPECIFICATION
1. Interface protocol
The interface protocol comprises:
• A start conditions
• A chip address byte, containing the SC7315 address(the 8th bit of the bytes must be 0). The SC7315 must
always acknowledge at the end of each transmitted byte.
• A sequence of data(N-bytes + acknowledge)
• A stop condition (P)
S 1
0
0
0
0
0
0
0
ACK
DATA
ACK
DATA
P
MSB
LSB
SC7315 address
MSB
LSB
MSB
LSB
ACK
Data Transferred
(N-Bytes + Acknowledge)
ACK: Acknowledge
S: Start
P: Stop
Max clock speed: 100kbits/sec
2. Chips address
1 (MSB)
0
0
0
0
0
0
0 (LSB)
3. Data bytes
MSB
LSB
Function
0
0
B2
B1
B0
A2
A1
A0
Volume Control
1
0
0
B1
B0
A2
A1
A0
Speaker ATT L
1
0
1
B1
B0
A2
A1
A0
Speaker ATT R
0
1
0
*
*
L
*
*
Loudness control
0
1
1
0
C3
C2
C1
C0
Bass control
0
1
1
1
C3
C2
C1
C0
Treble control
Note: Ax=1.25dB steps;Bx=10dB steps;Cx=2dB steps;Gx=3.75dB steps;*=no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com