Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC7315 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC7315
Description  2CH OUTPUT STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7315 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC7315 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SC7315
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 6 of 13
TYPICAL CHARACTERISTICS PERFORMANCE (continued)
Fig.10 Input Separation vs. Frequency
10
1
10
2
10
3
10
4
70
80
90
100
110
Frequency (Hz)
VIN=1Vrms
AV=0dB
All controls Flat
Fig.11 Supply Voltage Rejection
vs. Frequency
10
1
10
2
10
3
10
4
70
80
90
100
Frequency (Hz)
Vsvr=0.5Vrms
All Input to GND
AV=0dB
All controls Flat
60
Fig.12 Output Clipping Level vs.
Supply Voltage
Supply Voltage (V)
4
6
8
10
12
1.0
2.0
3.0
4.0
5.0
RL=10k
¸
f=1kHz
THD=0.3%
Fig.13 Quiescent current vs. Supply
Voltage
Supply Voltage (V)
4
6
8
10
12
2.0
4.0
8.0
6.0
Fig.14 Supply current vs.
Temperature
Temperature ( )
6.5
7.0
7.5
8.0
8.5
9.0
-60
-30
0
30
60
90
Vs=9V
Fig.15 Bass resistance vs.
Temperature
Temperature ( )
40
42
44
46
48
50
-60
-30
0
30
60
90
Fig.16 Typical Tone Response
(with the Ext components indicated
the test circuit)
10
1
10
2
10
3
10
4
Frequency (Hz)
-15
-10
0
5
15
-5
10
AV=0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com