Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8427-CSZR Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 48Page - Cirrus Logic CS8427-CSZR Datasheet HTML 49Page - Cirrus Logic CS8427-CSZR Datasheet HTML 50Page - Cirrus Logic CS8427-CSZR Datasheet HTML 51Page - Cirrus Logic CS8427-CSZR Datasheet HTML 52Page - Cirrus Logic CS8427-CSZR Datasheet HTML 53Page - Cirrus Logic CS8427-CSZR Datasheet HTML 54Page - Cirrus Logic CS8427-CSZR Datasheet HTML 55Page - Cirrus Logic CS8427-CSZR Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
CS8427
52
DS477F4
19. APPENDIX B: CHANNEL STATUS AND
USER DATA BUFFER MANAGEMENT
The CS8427 has a comprehensive channel status
(C) and user (U) data buffering scheme, which al-
lows automatic management of channel status
blocks and user data. Alternatively, sufficient con-
trol and access is provided to allow the user to
completely manage the C and U data through the
control port. Be aware that the RUN bit should be
set to 1 in order to access the C and U data buffer
through the control port.
19.1
AES3 Channel Status(C) Bit
Management
The CS8427 contains sufficient RAM to store a full
block of C data for both A and B channels (192x2
= 384 bits), and also 384 bits of U information. The
user may read from or write to these RAMs through
the control port.
The CS8427 manages the flow of channel status
data at the block level, meaning that entire blocks
of channel status information are buffered at the in-
put, synchronized to the output timebase, and then
transmitted. The buffering scheme involves a cas-
cade of 3 block-sized buffers, named D,E and F, as
shown in Figure 27. The MSB of each byte repre-
sents the first bit in the serial C data stream. For
example, the MSB of byte 0 (which is at control port
address 20h) is the consumer/professional bit for
channel status block A.
The first buffer, D, accepts incoming C data from
the AES receiver. The 2nd buffer, E, accepts entire
blocks of data from the D buffer. The E buffer is
also accessible from the control port, allowing read
and writing of the C data. The 3rd buffer (F) is used
as the source of C data for the AES3 transmitter.
The F buffer accepts block transfers from the E
buffer.
19.1.1
Manually accessing the E buffer
The user can monitor the data being transferred by
reading the E buffer, which is mapped into the reg-
ister space of the CS8427, through the control port.
The user can modify the data to be transmitted by
writing to the E buffer.
The user can configure the interrupt enable regis-
ter to cause interrupts to occur whenever “D to E”
or “E to F” buffer transfers occur. This allows deter-
mination of the allowable time periods to interact
with the E buffer.
Also provided are “D to E” and “E to F” inhibit bits.
The associated buffer transfer is disabled whenev-
er the user sets these bits. These may be used
whenever “long” control port interactions are oc-
curring. They can also be used to align the behav-
ior of the buffers with the selected audio data flow.
For example, if the audio data flow is serial port in
to AES3 out, then it is necessary to inhibit “D toE”
transfers, since these would overwrite the desired
transmit C data with invalid data.
Flowcharts for reading and writing to the E buffer
are shown in Figure 28 and Figure 29. For reading,
since a D to E interrupt just occurred, then there a
substantial time interval until the next D to E trans-
fer (approximately 24 frames worth of time). This is
usually plenty of time to access the E data without
having to inhibit the next transfer.
Control Port
From
AES3
Receiver
To
AES3
Transmitter
E
24
words
8-bits
8-bits
AB
DF
Received
Data
Buffer
Transmit
Data
Buffer
Figure 27. Channel Status Data Buffer Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com