Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8427-CSZR Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 12Page - Cirrus Logic CS8427-CSZR Datasheet HTML 13Page - Cirrus Logic CS8427-CSZR Datasheet HTML 14Page - Cirrus Logic CS8427-CSZR Datasheet HTML 15Page - Cirrus Logic CS8427-CSZR Datasheet HTML 16Page - Cirrus Logic CS8427-CSZR Datasheet HTML 17Page - Cirrus Logic CS8427-CSZR Datasheet HTML 18Page - Cirrus Logic CS8427-CSZR Datasheet HTML 19Page - Cirrus Logic CS8427-CSZR Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
CS8427
16
DS477F4
6. AES3 RECEIVER
The CS8427 includes an AES3 digital audio re-
ceiver and an AES3 digital audio transmitter. A
comprehensive
buffering
scheme
provides
read/write access to the channel status and user
data. This buffering scheme is described in “Ap-
pendix B: Channel Status and User Data Buffer
Management”.
The AES3 receiver accepts and decodes audio
and digital data according to the AES3, IEC60958
(S/PDIF), and EIAJ CP-1201 interface standards.
The receiver consists of a differential input stage,
accessed through pins RXP and RXN, a PLL
based clock recovery circuit, and a decoder which
separates the audio data from the channel status
and user data.
External components are used to terminate and
isolate the incoming data cables from the CS8427.
These components are detailed in “Appendix A:
External AES3/SPDIF/IEC60958 Transmitter and
Receiver Components” on page 50.
6.1
OMCK System Clock Mode
A special mode is available that allows the clock
that is being input through the OMCK pin to be out-
put through the RMCK pin. This feature is con-
trolled by the SWCLK bit in control register 1.
When the PLL loses lock, the frequency of the
VCO drops to 300 kHz. The SWCLK function al-
lows the clock from RMCK to be used as a clock in
the system without any disruption when input is re-
moved from the Receiver. This clock switching is
performed glitch free. None of the internal circuitry
that is clocked from the PLL is driven by the OMCK
being output from RMCK. This function is available
only in software mode.
6.2
PLL, Jitter Attenuation, and
Varispeed
Please see Appendix C for general description of
the PLL, selection of recommended PLL filter com-
ponents, and layout considerations. Figure 5
shows the recommended configuration of the two
capacitors and one resistor that comprise the PLL
filter.
6.3
Error Reporting and Hold Function
While decoding the incoming AES3 data stream,
the CS8427 can identify several kinds of error, in-
dicated in the Receiver Error register. The UN-
LOCK bit indicates whether the PLL is locked to
the incoming AES3 data. The V bit reflects the cur-
rent validity bit status. The BIP (bi-phase) error bit
indicates an error in incoming bi-phase coding.
The PAR (parity) bit indicates a received parity er-
ror.
The error bits are “sticky”: they are set on the first
occurrence of the associated error and will remain
set until the user reads the register through the
control port. This enables the register to log all un-
masked errors that occurred since the last time the
register was read.
The Receiver Error Mask register allows masking
of individual errors. The bits in this register serve
as masks for the corresponding bits of the Receiv-
er Error Register. If a mask bit is set to 1, the error
is unmasked, which implies the following: its occur-
rence will be reported in the receiver error register,
induce a pulse on RERR, invoke the occurrence of
a RERR interrupt, and affect the current audio
sample according to the status of the HOLD bits.
The HOLD bits allow a choice of holding the previ-
ous sample, replacing the current sample with zero
(mute), or not changing the current audio sample.
If a mask bit is set to 0, the error is masked, which
implies the following: its occurrence will not be re-
ported in the receiver error register, will not induce
a pulse on RERR or generate a RERR interrupt,
and will not affect the current audio sample. The
QCRC and CCRC errors do not affect the current
audio sample, even if unmasked
6.4
Channel Status Data Handling
The first two bytes of the Channel Status block are
decoded into the Receiver Channel Status regis-
ter. The setting of the CHS bit in the Channel Sta-
tus Data Buffer Control register determines
whether the channel status decodes are from the A
channel (CHS = 0) or B channel (CHS = 1).
The PRO (professional) bit is extracted directly.
For consumer data, the COPY (copyright) bit is ex-
tracted, and the category code and L bits are de-
coded to determine SCMS status, indicated by the
ORIG (original) bit. If the category code is set to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com