Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 171Page - STMicroelectronics STM32W108HB Datasheet HTML 172Page - STMicroelectronics STM32W108HB Datasheet HTML 173Page - STMicroelectronics STM32W108HB Datasheet HTML 174Page - STMicroelectronics STM32W108HB Datasheet HTML 175Page - STMicroelectronics STM32W108HB Datasheet HTML 176Page - STMicroelectronics STM32W108HB Datasheet HTML 177Page - STMicroelectronics STM32W108HB Datasheet HTML 178Page - STMicroelectronics STM32W108HB Datasheet HTML 179Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 175 / 179 page
background image
STM32W108CB, STM32W108HB
Package characteristics
Doc ID 16252 Rev 2
175/179
Figure 54.
QFN 40L 6x6mm pitch 0.5 package outline
Table 47.
QFN 40L 6x6mm package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.020
0.050
0.0008
0.0020
A2
0.720
1.070
0.0283
0.0421
A3
0.200
0.0079
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
D
5.900
6.000
6.100
0.2323
0.2362
0.2402
D2
4.500
4.550
4.700
0.1772
0.1791
0.1850
E
6.000
0.2362
E2
4.500
4.550
4.700
0.1772
0.1791
0.1850
e
0.500
0.0197
L
0.350
0.400
0.450
0.0138
0.0157
0.0177
ddd
0.080
0.0031
Bottom view
Exposed pad
Top view
Pin 1 ID
Pin 1 ID
ZF_ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com