Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3201-CI/MS Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3201-CI/MS
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201-CI/MS Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3201-CI/MS Datasheet HTML 14Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 15Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 16Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 17Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 18Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 19Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 20Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 21Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
MCP3201
DS21290E-page 18
© 2008 Microchip Technology Inc.
FIGURE 4-1:
Analog Input Model.
FIGURE 4-2:
Maximum Clock Frequency
vs. Input Resistance (RS) to maintain less than a
0.1 LSB deviation in INL from nominal
conditions.
CPIN
VA
RSS CHx
7pF
VT = 0.6V
VT = 0.6V
ILEAKAGE
Sampling
Switch
SS
RS = 1 kΩ
CSAMPLE
= DAC capacitance
VSS
VDD
= 20 pF
±1 nA
LEGEND
VA
=
Signal Source
RSS = Source Impedance
CHx
=
Input Channel Pad
CPIN = Input Pin Capacitance
VT = Threshold Voltage
ILEAKAGE = Leakage Current At The Pin
Due To Various Junctions
SS
=
Sampling Switch
RS = Sampling Switch Resistor
CSAMPLE = Sample/hold Capacitance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
100
1000
10000
Input Resistance (Ohms)
VDD = VREF = 5V
VDD = VREF = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com