Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3201-CI/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3201-CI/MS
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201-CI/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3201-CI/MS Datasheet HTML 15Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 16Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 17Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 18Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 19Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 20Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 21Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 22Page - Microchip Technology MCP3201-CI/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21290E-page 19
MCP3201
5.0
SERIAL COMMUNICATIONS
Communication with the device is done using a
standard SPI-compatible serial interface. Initiating
communication with the MCP3201 device begins with
the CS going low. If the device was powered up with the
CS pin low, it must be brought high and back low to
initiate communication. The device will begin to sample
the analog input on the first rising edge after CS goes
low. The sample period will end in the falling edge of the
second clock, at which time the device will output a low
null bit. The next 12 clocks will output the result of the
conversion with MSB first, as shown in Figure 5-1. Data
is always output from the device on the falling edge of
the clock. If all 12 data bits have been transmitted and
the device continues to receive clocks while the CS is
held low, the device will output the conversion result
LSB first, as shown in Figure 5-2. If more clocks are
provided to the device while CS is still low (after the
LSB first data has been transmitted), the device will
clock out zeros indefinitely.
FIGURE 5-1:
Communication with MCP3201 device using MSB first Format.
FIGURE 5-2:
Communication with MCP3201 device using LSB first Format.
CS
CLK
D
OUT
tCYC
POWER
DOWN
TSUCS
TSAMPLE
tCONV
tDATA**
* After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output LSB first data, followed
by zeros indefinitely. See Figure 5-2 below.
** tDATA: during this time, the bias current and the comparator power down and the reference input becomes a high-impedance
node, leaving the CLK running to clock out the LSB-first data or zeros.
TCSH
NULL
BIT B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1 B0*
HI-Z
HI-Z
B11 B10 B9
B8
NULL
BIT
CS
CLK
D
OUT
tCYC
POWER DOWN
tSUCS
tSAMPLE
tCONV
tDATA**
* After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output zeros indefinitely.
** tDATA: during this time, the bias current and the comparator power down and the reference input becomes a high-impedance
node, leaving the CLK running to clock out the LSB-first data or zeros.
tCSH
NULL
BIT B11B10B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
HI-Z
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10B11*
HI-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com