Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MRF24J40-I/ML
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MRF24J40-I/ML Datasheet HTML 9Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 10Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 11Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 12Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 13Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 14Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 15Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 16Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39776B-page 11
MRF24J40
2.14
Memory Organization
Memory in the MRF24J40 is implemented as static
RAM and is accessible via the SPI port. Memory is
functionally divided into control registers and data buf-
fers (FIFOs), as shown in Figure 2-6. Control registers
provide control, status and device addressing for
MRF24J40 operations. FIFOs serve as temporary
buffers for data transmission, reception and security
keys. Memory is accessed via two addressing
methods: Short and Long.
FIGURE 2-6:
MEMORY MAP FOR MRF24J40
TX Beacon FIFO
Control Registers
Security Key FIFO
RX FIFO
TX Normal FIFO
TX GTS1 FIFO
TX GTS2 FIFO
0x000
0x07F
0x080
0x0FF
0x100
0x17F
0x180
0x1FF
0x27F
0x200
0x280
0x2BF
0x300
0x38F
Long Address
Short Address
Memory Space
0x00
0x3F
Reserved
0x2C0
0x2FF
Memory Space
128 bytes
128 bytes
128 bytes
128 bytes
128 bytes
64 bytes
144 bytes
64 bytes
Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com