Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC515T Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC515T
Description  512K I2C??CMOS Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515T Datasheet(HTML) 3 Page - Microchip Technology

  24LC515T Datasheet HTML 1Page - Microchip Technology 24LC515T Datasheet HTML 2Page - Microchip Technology 24LC515T Datasheet HTML 3Page - Microchip Technology 24LC515T Datasheet HTML 4Page - Microchip Technology 24LC515T Datasheet HTML 5Page - Microchip Technology 24LC515T Datasheet HTML 6Page - Microchip Technology 24LC515T Datasheet HTML 7Page - Microchip Technology 24LC515T Datasheet HTML 8Page - Microchip Technology 24LC515T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21673G-page 3
24AA515/24LC515/24FC515
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
VCC = +1.7V to 5.5V
TA = -40°C to +85°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
100
400
1000
kHz
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
2THIGH
Clock high time
4000
600
500
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
3TLOW
Clock low time
4700
1300
500
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
4TR
SDA and SCL rise time
(Note 1)
1000
300
300
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
5TF
SDA and SCL fall time
(Note 1)
300
100
ns
All except, 24FC515
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
6THD:STA
Start condition hold time
4000
600
250
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
7TSU:STA
Start condition setup time
4700
600
250
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
8THD:DAT Data input hold time
0
ns
(Note 2)
9TSU:DAT
Data input setup time
250
100
100
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
10
TSU:STO
Stop condition setup time
4000
600
250
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
11
TSU:WP
WP setup time
4000
600
600
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
12
THD:WP
WP hold time
4700
1300
1300
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
13
TAA
Output valid from clock
(Note 2)
3500
900
400
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
14
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
500
ns
1.7V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
2.5V
≤ VCC ≤ 5.5V (24FC515 only)
15
TOF
Output fall time from VIH
minimum to VIL maximum
CB
≤ 100 pF
10 + 0.1CB
250
250
ns
All except, 24FC515 (Note 1)
24FC515 (Note 1)
16
TSP
Input filter spike suppression
(SDA and SCL pins)
50
ns
All except, 24FC515 (Notes 1 and 3)
17
TWC
Write cycle time (byte or page)
5
ms
18
Endurance
1 M
cycles
25°C (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum
300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved noise spike
suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but established by characterization. For endurance estimates in a specific application,
please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com