Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F467BAPMC-GSE2 Datasheet(PDF) 75 Page - fujitsu semiconductor

Part # MB91F467BAPMC-GSE2
Description  32-bit Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467BAPMC-GSE2 Datasheet(HTML) 75 Page - fujitsu semiconductor

Back Button MB91F467BAPMC-GSE2 Datasheet HTML 71Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 72Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 73Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 74Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 75Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 76Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 77Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 78Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 79Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
MB91460B Series
DS07-16609-1E
75
002000H
to
006FFCH
Flash-cache size is 8 Kbytes : 004000H to 005FFCH
Flash-cache /
I-RAM area
007000H
FMCS [R/W]
01101000
FMCR [R/W]
- - - - 0000
FCHCR [R/W]
- - - - - - 00 10000011
Flash Memory/
I-Cache
Control
Register
007004H
FMWT [R/W]
11111111 11111111
Reserved
FMPS [R/W]
- - - - - 000
007008H
FMAC [R]
00000000 00000000 00000000 00000000
00700CH
FCHA0 [R/W]
- - - - - - - - - - 000000 00000000 00000000
I-Cache Non-cache-
able area setting
Register
007010H
FCHA1 [R/W]
- - - - - - - - - - 000000 00000000 00000000
007014H
to
007FFCH
Reserved
Reserved
008000H
to
00BFFCH
Boot-ROM size is 4 Kbytes : 00B000H to 00BFFCH
(instruction access is 1 wait cycle, data access is 1 wait cycle)
Boot ROM area
00C000H
CTRLR0 [R/W]
00000000 00000001
STATR0 [R/W]
00000000 00000000
CAN 0
Control
Register
00C004H
ERRCNT0 [R]
00000000 00000000
BTR0 [R/W]
00100011 00000001
00C008H
INTR0 [R]
00000000 00000000
TESTR0 [R/W]
00000000 X0000000
00C00CH
BRPE0 [R/W]
00000000 00000000
CBSYNC0
Address
Register
Block
+0
+1
+2
+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com