Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905L Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3905L
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905L Datasheet(HTML) 4 Page - Microchip Technology

  MCP3905L Datasheet HTML 1Page - Microchip Technology MCP3905L Datasheet HTML 2Page - Microchip Technology MCP3905L Datasheet HTML 3Page - Microchip Technology MCP3905L Datasheet HTML 4Page - Microchip Technology MCP3905L Datasheet HTML 5Page - Microchip Technology MCP3905L Datasheet HTML 6Page - Microchip Technology MCP3905L Datasheet HTML 7Page - Microchip Technology MCP3905L Datasheet HTML 8Page - Microchip Technology MCP3905L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MCP3905/06
DS21948E-page 4
© 2009 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Reference Input
Input Range
2.2
—
2.6
V
Input Impedance
3.2
—
—
k
Ω
Input Capacitance
—
—
10
pF
Analog Inputs
Maximum Signal Level
—
—
±1
V
CH0+,CH0-,CH1+,CH1- to AGND
Differential Input Voltage
Range Channel 0
—
—
±470/G
mV
G = PGA Gain on Channel 0
Differential Input Voltage
Range Channel 1
——
±660
mV
Input Impedance
390
—
—
k
Ω
Proportional to 1/MCLK frequency
Bandwidth
(Notch Frequency)
—
14
—
kHz
Proportional to MCLK frequency,
MCLK/256
Oscillator Input
Frequency Range
MCLK
1
—
4
MHz
Power Specifications
Operating Voltage
4.5
—
5.5
V
AVDD, DVDD
IDD,A
IDD,A
—2.7
3.0
mA
AVDD pin only
IDD,D
IDD,D
—1.2
2.0
mA
DVDD pin only
Electrical Specifications: Unless otherwise indicated, VDD = 4.5V – 5.5V, AGND, DGND = 0V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 24L-SSOP
θ
JA
—73
—
°C/W
Note:
The MCP3905/06 operate over this extended temperature range, but with reduced performance. In any
case, the Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V – 5.5V,
Internal VREF, HPF turned on (AC mode), AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ.
Max
Units
Comment
Note 1:
Measurement error = (Energy Measured By Device - True Energy)/True Energy * 100%. Accuracy is
measured with signal (±660 mV) on Channel 1. FOUT0, FOUT1 pulse outputs. Valid from 45 Hz to 65 Hz.
See Section 2.0 “Typical Performance Curves” for higher frequencies and increased dynamic range.
2:
Does not include internal VREF. Gain = 1, CH0 = 470 mVDC, CH1 = 660 mVDC, difference between
measured output frequency and expected transfer function.
3:
Percent of HFOUT output frequency variation; Includes external VREF = 2.5V, CH1 = 100 mVRMS @
50 Hz, CH2 = 100 mVRMS @ 50 Hz, AVDD = 5V + 1Vpp @ 100 Hz. DC PSRR: 5V ±500 mV.
4:
Error applies down to 60° lead (PF = 0.5 capacitive) and 60° lag (PF = 0.5 inductive).
5:
Refer to Section 4.0 “Device Overview” for complete description.
6:
Specified by characterization, not production tested.
7:
1 MCLK period at 3.58 MHz is equivalent to less than <0.005 degrees at 50 or 60 Hz.
8:
Gain error match is measured from CH0 G = 1 to any other gain setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com