Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905L Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3905L
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905L Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3905L Datasheet HTML 3Page - Microchip Technology MCP3905L Datasheet HTML 4Page - Microchip Technology MCP3905L Datasheet HTML 5Page - Microchip Technology MCP3905L Datasheet HTML 6Page - Microchip Technology MCP3905L Datasheet HTML 7Page - Microchip Technology MCP3905L Datasheet HTML 8Page - Microchip Technology MCP3905L Datasheet HTML 9Page - Microchip Technology MCP3905L Datasheet HTML 10Page - Microchip Technology MCP3905L Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21948E-page 7
MCP3905/06
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise specified, DVDD, AVDD = 5V; AGND, DGND = 0V; VREF = Internal, HPF = 1 (AC mode),
MCLK = 3.58 MHz.
FIGURE 2-1:
Measurement Error,
Gain = 8, PF = 1.
FIGURE 2-2:
Measurement Error,
Gain = 16, PF = 1.
FIGURE 2-3:
Measurement Error,
Gain = 32, PF = 1.
FIGURE 2-4:
Measurement Error,
Gain = 8, PF = 0.5.
FIGURE 2-5:
Measurement Error,
Gain = 16, PF = 0.5.
FIGURE 2-6:
Measurement Error,
Gain = 32, PF = 0.5.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
- 40°C
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
- 40°C
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com