Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1631-500E/ML Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1631-500E/ML
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631-500E/ML Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1631-500E/ML Datasheet HTML 19Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 20Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 21Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 22Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 23Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 24Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 25Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 26Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 23
MCP1631/HV/MCP1631V/VHV
6.0
PACKAGING INFORMATION
6.1
Package Marking Information (Not to Scale)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead SSOP (All Devices)
20-Lead 4x4 QFN (MCP1631/MCP1631V)
20-Lead TSSOP (All Devices)
XXXXX
XXXXXX
XXXXXX
YWWNNN
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXX
XXXXXNNN
YYWW
Example:
Example:
Example:
1631
E/ML^^
0822
256
1631V
EST^^
0822256
1631HV33
EST^^256
0822
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com